Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 173 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 173 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 169Page - PMC-Sierra, Inc PM5356 Datasheet HTML 170Page - PMC-Sierra, Inc PM5356 Datasheet HTML 171Page - PMC-Sierra, Inc PM5356 Datasheet HTML 172Page - PMC-Sierra, Inc PM5356 Datasheet HTML 173Page - PMC-Sierra, Inc PM5356 Datasheet HTML 174Page - PMC-Sierra, Inc PM5356 Datasheet HTML 175Page - PMC-Sierra, Inc PM5356 Datasheet HTML 176Page - PMC-Sierra, Inc PM5356 Datasheet HTML 177Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
163
ROOLV:
The recovered reference out of lock status indicates the clock recovery phase
locked loop is unable to lock to the reference clock on REFCLK. ROOLV is a
logic one if the divided down synthesized clock frequency is not within
approximately 488ppm of the REFCLK frequency. At startup, ROOLV may
remain high for several hundred millisecond while the PLL obtains lock.
LOTV:
The loss of transition status indicates the receive power is lost or at least 97
consecutive ones or zeros have been received. LOTV is a logic zero if the
SD input is high or fewer than 97 consecutive ones or zeros have been
received. LOTV is a logic one if the SD input is low or more than 96
consecutive ones or zeros have been received.
LOCK:
The CRU reference locking status indicates if the CRU is locking to the
reference clock or is locking to the receive data. LOCK is a logic zero if the
CRU is locking or locked to the reference clock. LOCK is a logic one if the
CRU is locking or locked to the receive data. LOCK is invalid if the CRU is
not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com