Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 170 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 170 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 166Page - PMC-Sierra, Inc PM5356 Datasheet HTML 167Page - PMC-Sierra, Inc PM5356 Datasheet HTML 168Page - PMC-Sierra, Inc PM5356 Datasheet HTML 169Page - PMC-Sierra, Inc PM5356 Datasheet HTML 170Page - PMC-Sierra, Inc PM5356 Datasheet HTML 171Page - PMC-Sierra, Inc PM5356 Datasheet HTML 172Page - PMC-Sierra, Inc PM5356 Datasheet HTML 173Page - PMC-Sierra, Inc PM5356 Datasheet HTML 174Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
160
Register 0x5C: CRSI Configuration
Bit
Type
Function
Default
Bit 7
R/W
SDINV
0
Bit 6
R/W
PFPEN
0
Bit 5
R/W
SENB
0
Bit 4
R/W
Reserved
0
Bit 3
Unused
X
Bit 2
R
LOTI
X
Bit 1
R
ROOLI
X
Bit 0
R
DOOLI
X
DOOLI:
The DOOLI bit is the data out of lock interrupt status bit. DOOLI is set high
when the DOOLV bit goes high, indicating the CRU has gone out of lock.
DOOLI is cleared when this register is read.
ROOLI:
The ROOLI bit is the reference out of lock interrupt status bit. ROOLI is set
high when the ROOLV register changes state, indicating that either the PLL is
locked to the reference clock REFCLK or is in out of lock. ROOLI is cleared
when this register is read.
LOTI:
The LOTI bit is the loss of transition interrupt status bit. LOTI is set high when
a loss of transition event occurs. A loss of transition is defined as either the
SD input set low or more than 96 consecutive ones or zeros received. LOTI
is cleared when this register is read.
SENB:
The loss of signal transition detector enable (SENB) bit enables the
declaration of loss of transition (LOT) when more than 96 consecutive ones or
zeros occurs in the receive data. When SENB is a logic zero, a loss of
transition is declared when more than 96 consecutive ones or zeros occurs in
the receive data or when the SD input is low. When SENB is a logic one, a
loss of transition is declared only when the SD input is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com