Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 175 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 175 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 171Page - PMC-Sierra, Inc PM5356 Datasheet HTML 172Page - PMC-Sierra, Inc PM5356 Datasheet HTML 173Page - PMC-Sierra, Inc PM5356 Datasheet HTML 174Page - PMC-Sierra, Inc PM5356 Datasheet HTML 175Page - PMC-Sierra, Inc PM5356 Datasheet HTML 176Page - PMC-Sierra, Inc PM5356 Datasheet HTML 177Page - PMC-Sierra, Inc PM5356 Datasheet HTML 178Page - PMC-Sierra, Inc PM5356 Datasheet HTML 179Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
165
Register 0x60: RXCP Configuration 1
Bit
Type
Function
Default
Bit 7
R/W
DDSCR
0
Bit 6
R/W
HDSCR
0
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
R/W
HCSADD
1
Bit 1
R/W
Reserved
0
Bit 0
R/W
DISCOR
0
DISCOR:
The DISCOR bit controls the HCS error correction algorithm. When DISCOR
is a logic zero, the error correction algorithm is enabled, and single-bit errors
detected in the cell header are corrected. When DISCOR is a logic one, the
error correction algorithm is disabled, and any error detected in the cell
header is treated as an uncorrectable HCS error.
HCSADD:
The HCSADD bit controls the addition of the coset polynomial, x6+x4+x2+1, to
the HCS octet prior to comparison. When HCSADD is a logic one, the
polynomial is added, and the resulting HCS is compared. When HCSADD is
a logic zero, the polynomial is not added, and the unmodified HCS is
compared.
HDSCR:
HDSCR enables the self-synchronous x43 + 1 descrambler to continue
running through the bytes which should contain the ATM cell headers. When
HSCR is set low, the descrambling polynomial will function only over the ATM
payload bytes. When HDSCR is set high, the descrambling polynomial will
function over all bytes, including the 5 ATM header bytes. This function is
available for use with PPP packets and flags which are scrambled at the
source to prevent the generation of “killer” sequences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com