Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 179 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 179 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 175Page - PMC-Sierra, Inc PM5356 Datasheet HTML 176Page - PMC-Sierra, Inc PM5356 Datasheet HTML 177Page - PMC-Sierra, Inc PM5356 Datasheet HTML 178Page - PMC-Sierra, Inc PM5356 Datasheet HTML 179Page - PMC-Sierra, Inc PM5356 Datasheet HTML 180Page - PMC-Sierra, Inc PM5356 Datasheet HTML 181Page - PMC-Sierra, Inc PM5356 Datasheet HTML 182Page - PMC-Sierra, Inc PM5356 Datasheet HTML 183Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
169
Register 0x62: RXCP FIFO/UTOPIA Control and Configuration
Bit
Type
Function
Default
Bit 7
R/W
RXPTYP
0
Bit 6
Unused
X
Bit 5
R/W
RCAINV
0
Bit 4
R/W
RCALEVEL0
1
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
Unused
X
Bit 0
R/W
FIFORST
0
FIFORST:
The FIFORST bit is used to reset the four-cell receive FIFO. When FIFORST
is set low, the FIFO operates normally. When FIFORST is set high, the FIFO
is immediately emptied and ignores writes. The FIFO remains empty and
continues to ignore writes until a logic zero is written to FIFORST. Activating
this bit during a cell transfer may result in a truncated cell on the System
Interface.
RCALEVEL0:
The RCA level 0 bit, RCALEVEL0, determines when the RCA transitions low
for Level 2 operation. When RCALEVEL0 is set high, a high-to-low transition
on output RCA indicates that the receive FIFO is empty and RCA will de-
assert on the rising RFCLK edge after word 27 (of the 27 word cell structure)
is output. When RCALEVEL0 is set low, a high-to-low transition on output
RCA indicates that the receive FIFO is near empty and RCA will de-assert on
the rising RFCLK edge after word 13 (of the 27 word cell structure) is output.
RCALEVEL0 must be set high when the system interface is configured for
Level 3 operation.
RCAINV:
The RCAINV bit inverts the polarity of the RCA output signal for Level 2
operation. When RCAINV is a logic one, the polarity of RCA is inverted (RCA
at logic zero means there is a receive cell available to be read). When
RCAINV is a logic zero, the polarity of RCA is not inverted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com