Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 178 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 178 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 174Page - PMC-Sierra, Inc PM5356 Datasheet HTML 175Page - PMC-Sierra, Inc PM5356 Datasheet HTML 176Page - PMC-Sierra, Inc PM5356 Datasheet HTML 177Page - PMC-Sierra, Inc PM5356 Datasheet HTML 178Page - PMC-Sierra, Inc PM5356 Datasheet HTML 179Page - PMC-Sierra, Inc PM5356 Datasheet HTML 180Page - PMC-Sierra, Inc PM5356 Datasheet HTML 181Page - PMC-Sierra, Inc PM5356 Datasheet HTML 182Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
168
HCSPASS:
The HCSPASS bit controls the dropping of cells based on the detection of an
uncorrectable HCS error. When HCSPASS is a logic zero, cells containing an
uncorrectable HCS error are dropped. When HCSPASS is a logic one, cells
are passed to the receive FIFO regardless of errors detected in the HCS.
Additionally, the HCS verification finite state machine never exits the
correction mode.
Regardless of the programming of this bit, cells are always dropped while the
cell delineation state machine is in the 'HUNT' or 'PRESYNC' states unless
the CCDIS bit in this register is set high.
CCDIS:
The CCDIS bit can be used to disable all cell filtering and cell delineation. All
payload data read from the RXCP is passed into its FIFO without the
requirement of having to find cell delineation first.
Reserved:
The reserved bits must be programmed to logic zero for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com