Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 181 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 181 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 177Page - PMC-Sierra, Inc PM5356 Datasheet HTML 178Page - PMC-Sierra, Inc PM5356 Datasheet HTML 179Page - PMC-Sierra, Inc PM5356 Datasheet HTML 180Page - PMC-Sierra, Inc PM5356 Datasheet HTML 181Page - PMC-Sierra, Inc PM5356 Datasheet HTML 182Page - PMC-Sierra, Inc PM5356 Datasheet HTML 183Page - PMC-Sierra, Inc PM5356 Datasheet HTML 184Page - PMC-Sierra, Inc PM5356 Datasheet HTML 185Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
171
Register 0x63: RXCP Interrupt Enable and Counter Status
Bit
Type
Function
Default
Bit 7
R
XFERI
X
Bit 6
R
OVR
X
Bit 5
Unused
X
Bit 4
R/W
XFERE
0
Bit 3
R/W
OOCDE
0
Bit 2
R/W
HCSE
0
Bit 1
R/W
FOVRE
0
Bit 0
R/W
LCDE
0
LCDE:
The LCDE bit enables the generation of an interrupt due to a change in the
LCD state. When LCDE is set high, the interrupt is enabled.
FOVRE:
The FOVRE bit enables the generation of an interrupt due to a FIFO overrun
error condition. When FOVRE is set high, the interrupt is enabled.
HCSE:
The HCSE bit enables the generation of an interrupt due to the detection of a
corrected or an uncorrected HCS error. When HCSE is set high, the interrupt
is enabled.
OOCDE:
The OOCDE bit enables the generation of an interrupt due to a change in cell
delineation state. When OOCDE is set high, the interrupt is enabled.
XFERE:
The XFERE bit enables the generation of an interrupt when an accumulation
interval is completed and new values are stored in the RXCP Count registers.
When XFERE is set high, the interrupt is enabled.
OVR:
The OVR bit is the overrun status of the RXCP Performance Monitoring Count
registers. A logic one in this bit position indicates that a previous transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com