Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 183 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 183 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 179Page - PMC-Sierra, Inc PM5356 Datasheet HTML 180Page - PMC-Sierra, Inc PM5356 Datasheet HTML 181Page - PMC-Sierra, Inc PM5356 Datasheet HTML 182Page - PMC-Sierra, Inc PM5356 Datasheet HTML 183Page - PMC-Sierra, Inc PM5356 Datasheet HTML 184Page - PMC-Sierra, Inc PM5356 Datasheet HTML 185Page - PMC-Sierra, Inc PM5356 Datasheet HTML 186Page - PMC-Sierra, Inc PM5356 Datasheet HTML 187Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
173
Register 0x64: RXCP Status/Interrupt Status
Bit
Type
Function
Default
Bit 7
R
OOCDV
X
Bit 6
R
LCDV
X
Bit 5
Unused
X
Bit 4
R
OOCDI
X
Bit 3
R
CHCSI
X
Bit 2
R
UHCSI
X
Bit 1
R
FOVRI
X
Bit 0
R
LCDI
X
LCDI:
The LCDI bit is set high when there is a change in the loss of cell delineation
(LCD) state. This bit is reset immediately after a read to this register.
FOVRI:
The FOVRI bit is set high when an attempt is made to write into the FIFO
when it is already full. This bit is reset immediately after a read to this
register. Continuous over-writing of the FIFO results in only one interrupt.
UHCSI:
The UHCSI bit is set high when an uncorrected HCS error is detected. This
bit is reset immediately after a read to this register.
CHCSI:
The CHCSI bit is set high when a corrected HCS error is detected. This bit is
reset immediately after a read to this register.
OOCDI:
The OOCDI bit is set high when the RXCP enters or exits the SYNC state.
The OOCDV bit indicates whether the RXCP is in the SYNC state or not. The
OOCDI bit is reset immediately after a read to this register.
LCDV:
The LCDV bit gives the Loss of Cell Delineation state. When LCD is high, an
out of cell delineation (OCD) defect has persisted for the number of cells



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com