Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 185 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 185 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 181Page - PMC-Sierra, Inc PM5356 Datasheet HTML 182Page - PMC-Sierra, Inc PM5356 Datasheet HTML 183Page - PMC-Sierra, Inc PM5356 Datasheet HTML 184Page - PMC-Sierra, Inc PM5356 Datasheet HTML 185Page - PMC-Sierra, Inc PM5356 Datasheet HTML 186Page - PMC-Sierra, Inc PM5356 Datasheet HTML 187Page - PMC-Sierra, Inc PM5356 Datasheet HTML 188Page - PMC-Sierra, Inc PM5356 Datasheet HTML 189Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
175
Register 0x65: RXCP LCD Count Threshold MSB
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
R/W
LCDC[10]
0
Bit 1
R/W
LCDC[9]
0
Bit 0
R/W
LCDC[8]
1
Register 0x66: RXCP LCD Count Threshold LSB
Bit
Type
Function
Default
Bit 7
R/W
LCDC[7]
0
Bit 6
R/W
LCDC[6]
1
Bit 5
R/W
LCDC[5]
1
Bit 4
R/W
LCDC[4]
0
Bit 3
R/W
LCDC[3]
1
Bit 2
R/W
LCDC[2]
0
Bit 1
R/W
LCDC[1]
0
Bit 0
R/W
LCDC[0]
0
LCDC[10:0]:
The LCDC[10:0] bits represent the number of consecutive cell periods the
receive cell processor must be out of cell delineation before loss of cell
delineation (LCD) is declared. Likewise, LCD is not de-asserted until receive
cell processor is in cell delineation for the number of cell periods specified by
LCDC[10:0].
The default value of LCD[10:0] is 360, which translates to an average cell
period of 0.71 µs and a default LCD integration period of 255 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com