Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 146 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 146 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 142Page - Motorola, Inc HC05 Datasheet HTML 143Page - Motorola, Inc HC05 Datasheet HTML 144Page - Motorola, Inc HC05 Datasheet HTML 145Page - Motorola, Inc HC05 Datasheet HTML 146Page - Motorola, Inc HC05 Datasheet HTML 147Page - Motorola, Inc HC05 Datasheet HTML 148Page - Motorola, Inc HC05 Datasheet HTML 149Page - Motorola, Inc HC05 Datasheet HTML 150Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 232 page
background image
MOTOROLA
10-12
MC68HC05X16
Rev. 1
RESETS AND INTERRUPTS
10
Error IRQ:
this is set when either the error status or bus status bits in the MCAN status register
change state (see Section 5.3.3).
Data overrun: an incoming message on the bus cannot be received because both receive buffers
are tied up.
Wake-up IRQ: this signals activity on the bus while the MCAN is in SLEEP mode. This is the only
nonmaskable CIRQ.
CIRQ interrupts are serviced by the routine located at the address specified by the contents of
$3FF0 and $3FF1.
10.2.3.4
Timer interrupts
There are five different timer interrupt flags (ICF1, ICF2, OCF1, OCF2 and TOF) that will cause a
timer interrupt whenever they are set and enabled. These five interrupt flags are found in the five
most significant bits of the timer status register (TSR) at location $0013. ICF1 and ICF2 will vector
to the service routine defined by $3FF8-$3FF9, OCF1 and OCF2 will vector to the service routine
defined by $3FF6–$3FF7 and TOF will vector to the service routine defined by $3FF4–$3FF5 as
shown in Figure 6-1.
There are three corresponding enable bits; ICIE for ICF1 and ICF2, OCIE for OCF1 and OCF2,
and TOIE for TOF. These enable bits are located in the timer control register (TCR) at address
$0012. See Section 6.2.1 and Section 6.2.2 for further information.
10.2.3.5
Serial communications interface (SCI) interrupts
There are five different interrupt flags (TDRE, TC, OR, RDRF and IDLE) that cause SCI interrupts
whenever they are set and enabled. These five interrupt flags are found in the five most significant
bits of the SCI status register (SCSR) at location $0010.
There are four corresponding enable bits: TIE for TDRE, TCIE for TC, RIE for OR and RDRF, and
ILIE for IDLE. These enable bits are located in the serial communications control register 2
(SCCR2) at address $000F. See Section 7.11.3 and Section 7.11.4.
The SCI interrupt causes the program counter to vector to the address pointed to by memory
locations $3FF2 and $3FF3 which contain the starting address of the interrupt service routine.
Software in the SCI interrupt service routine must determine the priority and cause of the interrupt
by examining the interrupt flags and the status bits located in the serial communications status
register SCSR (address $0010).
The general sequence for clearing an interrupt is a software sequence of accessing the serial
communications status register while the flag is set followed by a read or write of an associated
register. Refer to Section 7 for a description of the SCI system and its interrupts.
144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com