Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 147 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 147 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 143Page - Motorola, Inc HC05 Datasheet HTML 144Page - Motorola, Inc HC05 Datasheet HTML 145Page - Motorola, Inc HC05 Datasheet HTML 146Page - Motorola, Inc HC05 Datasheet HTML 147Page - Motorola, Inc HC05 Datasheet HTML 148Page - Motorola, Inc HC05 Datasheet HTML 149Page - Motorola, Inc HC05 Datasheet HTML 150Page - Motorola, Inc HC05 Datasheet HTML 151Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
10-13
RESETS AND INTERRUPTS
10
10.2.4
Hardware controlled interrupt sequence
The following three functions: reset, STOP and WAIT, are not in the strictest sense interrupts. However,
they are acted upon in a similar manner. Flowcharts for STOP and WAIT are shown in Figure 2-4.
RESET: A reset condition causes the program to vector to its starting address, which is contained
in memory locations $3FFE (MSB) and $3FFF (LSB). The I-bit in the condition code
register is also set, to disable interrupts.
STOP:
The STOP instruction puts the processor to ‘sleep’ and, if the MCAN module is already
in SLEEP mode, it causes the oscillator to be turned off until an external, WOI or CIRQ
interrupt occurs or the device is reset.
WAIT:
The WAIT instruction causes all processor clocks to stop, but leaves the timer clocks
running. This ‘rest’ state of the processor can be cleared by reset, an external or WOI
interrupt, a timer interrupt or an SCI interrupt. There are no special WAIT vectors for
these individual interrupts.
145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com