Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 151 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 151 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 147Page - Motorola, Inc HC05 Datasheet HTML 148Page - Motorola, Inc HC05 Datasheet HTML 149Page - Motorola, Inc HC05 Datasheet HTML 150Page - Motorola, Inc HC05 Datasheet HTML 151Page - Motorola, Inc HC05 Datasheet HTML 152Page - Motorola, Inc HC05 Datasheet HTML 153Page - Motorola, Inc HC05 Datasheet HTML 154Page - Motorola, Inc HC05 Datasheet HTML 155Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
11-3
CPU CORE AND INSTRUCTION SET
11
Half carry (H)
This bit is set during ADD and ADC operations to indicate that a carry occurred between bits 3 and 4.
Interrupt (I)
When this bit is set, all maskable interrupts are masked. If an interrupt occurs while this bit is set,
the interrupt is latched and remains pending until the interrupt bit is cleared.
Negative (N)
When set, this bit indicates that the result of the last arithmetic, logical, or data manipulation was
negative.
Zero (Z)
When set, this bit indicates that the result of the last arithmetic, logical, or data manipulation was
zero.
Carry/borrow (C)
When set, this bit indicates that a carry or borrow out of the arithmetic logical unit (ALU) occurred
during the last arithmetic operation. This bit is also affected during bit test and branch instructions
and during shifts and rotates.
11.2
Instruction set
The MCU has a set of 62 basic instructions. They can be grouped into five different types as
follows:
–
Register/memory
–
Read/modify/write
–
Branch
–
Bit manipulation
–
Control
The following paragraphs briefly explain each type. All the instructions within a given type are
presented in individual tables.
This MCU uses all the instructions available in the M146805 CMOS family plus one more: the
unsigned multiply (MUL) instruction. This instruction allows unsigned multiplication of the contents
of the accumulator (A) and the index register (X). The high-order product is then stored in the index
register and the low-order product is stored in the accumulator. A detailed definition of the MUL
instruction is shown in Table 11-1.
149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com