Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 155 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 155 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 151Page - Motorola, Inc HC05 Datasheet HTML 152Page - Motorola, Inc HC05 Datasheet HTML 153Page - Motorola, Inc HC05 Datasheet HTML 154Page - Motorola, Inc HC05 Datasheet HTML 155Page - Motorola, Inc HC05 Datasheet HTML 156Page - Motorola, Inc HC05 Datasheet HTML 157Page - Motorola, Inc HC05 Datasheet HTML 158Page - Motorola, Inc HC05 Datasheet HTML 159Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
11-7
CPU CORE AND INSTRUCTION SET
11
Table 11-5 Read/modify/write instructions
Addressing modes
Inherent
(A)
Inherent
(X)
Direct
Indexed
(no
offset)
Indexed
(8-bit
offset)
Function
Mnemonic
Increment
INC
4C
1
3
5C
1
3
3C
2
5
7C
1
5
6C
2
6
Decrement
DEC
4A
1
3
5A
1
3
3A
2
5
7A
1
5
6A
2
6
Clear
CLR
4F
1
3
5F
1
3
3F
2
5
7F
1
5
6F
2
6
Complement
COM
43
1
3
53
1
3
33
2
5
73
1
5
63
2
6
Negate (two’s complement)
NEG
40
1
3
50
1
3
30
2
5
70
1
5
60
2
6
Rotate left through carry
ROL
49
1
3
59
1
3
39
2
5
79
1
5
69
2
6
Rotate right through carry
ROR
46
1
3
56
1
3
36
2
5
76
1
5
66
2
6
Logical shift left
LSL
48
1
3
58
1
3
38
2
5
78
1
5
68
2
6
Logical shift right
LSR
44
1
3
54
1
3
34
2
5
74
1
5
64
2
6
Arithmetic shift right
ASR
47
1
3
57
1
3
37
2
5
77
1
5
67
2
6
Test for negative or zero
TST
4D
1
3
5D
1
3
3D
2
4
7D
1
4
6D
2
5
Multiply
MUL
42
1
11
Set bit n
BSET n (n=0–7) 10+2•n
2
5
Clear bit n
BCLR n (n=0–7) 11+2•n
2
5
Table 11-6 Control instructions
Inherent addressing mode
Function
Mnemonic
Opcode
# Bytes # Cycles
Transfer A to X
TAX
97
1
2
Transfer X to A
TXA
9F
1
2
Set carry bit
SEC
99
1
2
Clear carry bit
CLC
98
1
2
Set interrupt mask bit
SEI
9B
1
2
Clear interrupt mask bit
CLI
9A
1
2
Software interrupt
SWI
83
1
10
Return from subroutine
RTS
81
1
6
Return from interrupt
RTI
80
1
9
Reset stack pointer
RSP
9C
1
2
No-operation
NOP
9D
1
2
Stop
STOP
8E
1
2
Wait
WAIT
8F
1
2
153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com