Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 153 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 153 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 149Page - Motorola, Inc HC05 Datasheet HTML 150Page - Motorola, Inc HC05 Datasheet HTML 151Page - Motorola, Inc HC05 Datasheet HTML 152Page - Motorola, Inc HC05 Datasheet HTML 153Page - Motorola, Inc HC05 Datasheet HTML 154Page - Motorola, Inc HC05 Datasheet HTML 155Page - Motorola, Inc HC05 Datasheet HTML 156Page - Motorola, Inc HC05 Datasheet HTML 157Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
11-5
CPU CORE AND INSTRUCTION SET
11
Table 11-1 MUL instruction
Operation
X:A ¨ X*A
Description
Multiplies the eight bits in the index register by the eight
bits in the accumulator and places the 16-bit result in the
concatenated accumulator and index register.
Condition
codes
H : Cleared
I : Not affected
N : Not affected
Z : Not affected
C : Cleared
Source
MUL
Form
Addressing mode
Cycles
Bytes
Opcode
Inherent
11
1
$42
Table 11-2 Register/memory instructions
Addressing modes
Immediate
Direct
Extended
Indexed
(no
offset)
Indexed
(8-bit
offset)
Indexed
(16-bit
offset)
Function
Load A from memory
LDA
A6
2
2
B6
2
3
C6
3
4
F6
1
3
E6
2
4
D6
3
5
Load X from memory
LDX
AE
2
2
BE
2
3
CE
3
4
FE
1
3
EE
2
4
DE
3
5
Store A in memory
STA
B7
2
4
C7
3
5
F7
1
4
E7
2
5
D7
3
6
Store X in memory
STX
BF
2
4
CF
3
5
FF
1
4
EF
2
5
DF
3
6
Add memory to A
ADD
AB
2
2
BB
2
3
CB
3
4
FB
1
3
EB
2
4
DB
3
5
Add memory and carry to A
ADC
A9
2
2
B9
2
3
C9
3
4
F9
1
3
E9
2
4
D9
3
5
Subtract memory
SUB
A0
2
2
B0
2
3
C0
3
4
F0
1
3
E0
2
4
D0
3
5
Subtract memory from A
with borrow
SBC
A2
2
2
B2
2
3
C2
3
4
F2
1
3
E2
2
4
D2
3
5
AND memory with A
AND
A4
2
2
B4
2
3
C4
3
4
F4
1
3
E4
2
4
D4
3
5
OR memory with A
ORA
AA
2
2
BA
2
3
CA
3
4
FA
1
3
EA
2
4
DA
3
5
Exclusive OR memory with A
EOR
A8
2
2
B8
2
3
C8
3
4
F8
1
3
E8
2
4
D8
3
5
Arithmetic compare A
with memory
CMP
A1
2
2
B1
2
3
C1
3
4
F1
1
3
E1
2
4
D1
3
5
Arithmetic compare X
with memory
CPX
A3
2
2
B3
2
3
C3
3
4
F3
1
3
E3
2
4
D3
3
5
Bit test memory with A
(logical compare)
BIT
A5
2
2
B5
2
3
C5
3
4
F5
1
3
E5
2
4
D5
3
5
Jump unconditional
JMP
BC
2
2
CC
3
3
FC
1
2
EC
2
3
DC
3
4
Jump to subroutine
JSR
BD
2
5
CD
3
6
FD
1
5
ED
2
6
DD
3
7
151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com