Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 152 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 152 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 148Page - Motorola, Inc HC05 Datasheet HTML 149Page - Motorola, Inc HC05 Datasheet HTML 150Page - Motorola, Inc HC05 Datasheet HTML 151Page - Motorola, Inc HC05 Datasheet HTML 152Page - Motorola, Inc HC05 Datasheet HTML 153Page - Motorola, Inc HC05 Datasheet HTML 154Page - Motorola, Inc HC05 Datasheet HTML 155Page - Motorola, Inc HC05 Datasheet HTML 156Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 232 page
background image
MOTOROLA
11-4
MC68HC05X16
Rev. 1
CPU CORE AND INSTRUCTION SET
11
11.2.1
Register/memory Instructions
Most of these instructions use two operands. The first operand is either the accumulator or the
index register. The second operand is obtained from memory using one of the addressing modes.
The jump unconditional (JMP) and jump to subroutine (JSR) instructions have no register operand.
Refer to Table 11-2 for a complete list of register/memory instructions.
11.2.2
Branch instructions
These instructions cause the program to branch if a particular condition is met; otherwise, no
operation is performed. Branch instructions are two-byte instructions. Refer to Table 11-3.
11.2.3
Bit manipulation instructions
The MCU can set or clear any writable bit that resides in the first 256 bytes of the memory space
(page 0). All port data and data direction registers, timer and serial interface registers,
control/status registers and a portion of the on-chip RAM reside in page 0. An additional feature
allows the software to test and branch on the state of any bit within these locations. The bit set, bit
clear, bit test and branch functions are all implemented with single instructions. For the test and
branch instructions, the value of the bit tested is also placed in the carry bit of the condition code
register. Refer to Table 11-4.
11.2.4
Read/modify/write instructions
These instructions read a memory location or a register, modify or test its contents, and write the
modified value back to memory or to the register. The test for negative or zero (TST) instruction is
an exception to this sequence of reading, modifying and writing, since it does not modify the value.
Refer to Table 11-5 for a complete list of read/modify/write instructions.
11.2.5
Control instructions
These instructions are register reference instructions and are used to control processor operation
during program execution. Refer to Table 11-6 for a complete list of control instructions.
11.2.6
Tables
Tables for all the instruction types listed above follow. In addition there is a complete alphabetical
listing of all the instructions (see Table 11-7), and an opcode map for the instruction set of the
M68HC05 MCU family (see Table 11-8).
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com