Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 154 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 154 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 150Page - Motorola, Inc HC05 Datasheet HTML 151Page - Motorola, Inc HC05 Datasheet HTML 152Page - Motorola, Inc HC05 Datasheet HTML 153Page - Motorola, Inc HC05 Datasheet HTML 154Page - Motorola, Inc HC05 Datasheet HTML 155Page - Motorola, Inc HC05 Datasheet HTML 156Page - Motorola, Inc HC05 Datasheet HTML 157Page - Motorola, Inc HC05 Datasheet HTML 158Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 232 page
background image
MOTOROLA
11-6
MC68HC05X16
Rev. 1
CPU CORE AND INSTRUCTION SET
11
Table 11-3 Branch instructions
Relative addressing mode
Function
Mnemonic
Opcode
# Bytes # Cycles
Branch always
BRA
20
2
3
Branch never
BRN
21
2
3
Branch if higher
BHI
22
2
3
Branch if lower or same
BLS
23
2
3
Branch if carry clear
BCC
24
2
3
(Branch if higher or same)
(BHS)
24
2
3
Branch if carry set
BCS
25
2
3
(Branch if lower)
(BLO)
25
2
3
Branch if not equal
BNE
26
2
3
Branch if equal
BEQ
27
2
3
Branch if half carry clear
BHCC
28
2
3
Branch if half carry set
BHCS
29
2
3
Branch if plus
BPL
2A
2
3
Branch if minus
BMI
2B
2
3
Branch if interrupt mask bit is clear
BMC
2C
2
3
Branch if interrupt mask bit is set
BMS
2D
2
3
Branch if interrupt line is low
BIL
2E
2
3
Branch if interrupt line is high
BIH
2F
2
3
Branch to subroutine
BSR
AD
2
6
Table 11-4 Bit manipulation instructions
Addressing modes
Bit set/clear
Bit test and branch
Function
Mnemonic
Opcode
# Bytes # Cycles
Opcode
# Bytes # Cycles
Branch if bit n is set
BRSET n (n=0–7)
2•n
3
5
Branch if bit n is clear
BRCLR n (n=0–7)
01+2•n
3
5
Set bit n
BSET n (n=0–7)
10+2•n
2
5
Clear bit n
BCLR n (n=0–7)
11+2•n
2
5
152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com