Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 159 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 159 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 155Page - Motorola, Inc HC05 Datasheet HTML 156Page - Motorola, Inc HC05 Datasheet HTML 157Page - Motorola, Inc HC05 Datasheet HTML 158Page - Motorola, Inc HC05 Datasheet HTML 159Page - Motorola, Inc HC05 Datasheet HTML 160Page - Motorola, Inc HC05 Datasheet HTML 161Page - Motorola, Inc HC05 Datasheet HTML 162Page - Motorola, Inc HC05 Datasheet HTML 163Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
11-11
CPU CORE AND INSTRUCTION SET
11
11.3
Addressing modes
Ten different addressing modes provide programmers with the flexibility to optimize their code for
all situations. The various indexed addressing modes make it possible to locate data tables, code
conversion tables and scaling tables anywhere in the memory space. Short indexed accesses are
single byte instructions; the longest instructions (three bytes) enable access to tables throughout
memory. Short absolute (direct) and long absolute (extended) addressing are also included. One
or two byte direct addressing instructions access all data bytes in most applications. Extended
addressing permits jump instructions to reach all memory locations.
The term ‘effective address’ (EA) is used in describing the various addressing modes. The effective
address is defined as the address from which the argument for an instruction is fetched or stored.
The ten addressing modes of the processor are described below. Parentheses are used to indicate
‘contents of’ the location or register referred to. For example, (PC) indicates the contents of the
location pointed to by the PC (program counter). An arrow indicates ‘is replaced by’ and a colon
indicates concatenation of two bytes. For additional details and graphical illustrations, refer to the
M6805 HMOS/M146805 CMOS Family Microcomputer/ Microprocessor User's Manual or to
the
M68HC05 Applications Guide.
11.3.1
Inherent
In the inherent addressing mode, all the information necessary to execute the instruction is
contained in the opcode. Operations specifying only the index register or accumulator, as well as
the control instruction, with no other arguments are included in this mode. These instructions are
one byte long.
11.3.2
Immediate
In the immediate addressing mode, the operand is contained in the byte immediately following the
opcode. The immediate addressing mode is used to access constants that do not change during
program execution (e.g. a constant used to initialize a loop counter).
EA = PC+1; PC
← PC+2
11.3.3
Direct
In the direct addressing mode, the effective address of the argument is contained in a single byte
following the opcode byte. Direct addressing allows the user to directly address the lowest 256
bytes in memory with a single two-byte instruction.
EA = (PC+1); PC
← PC+2
Address bus high
← 0; Address bus low ← (PC+1)
157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com