Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 161 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 161 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 157Page - Motorola, Inc HC05 Datasheet HTML 158Page - Motorola, Inc HC05 Datasheet HTML 159Page - Motorola, Inc HC05 Datasheet HTML 160Page - Motorola, Inc HC05 Datasheet HTML 161Page - Motorola, Inc HC05 Datasheet HTML 162Page - Motorola, Inc HC05 Datasheet HTML 163Page - Motorola, Inc HC05 Datasheet HTML 164Page - Motorola, Inc HC05 Datasheet HTML 165Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
11-13
CPU CORE AND INSTRUCTION SET
11
11.3.8
Relative
The relative addressing mode is only used in branch instructions. In relative addressing, the
contents of the 8-bit signed byte (the offset) following the opcode are added to the PC if, and only
if, the branch conditions are true. Otherwise, control proceeds to the next instruction. The span of
relative addressing is from –126 to +129 from the opcode address. The programmer need not
calculate the offset when using the Motorola assembler, since it calculates the proper offset and
checks to see that it is within the span of the branch.
EA = PC+2+(PC+1); PC
← EA if branch taken;
otherwise EA = PC
← PC+2
11.3.9
Bit set/clear
In the bit set/clear addressing mode, the bit to be set or cleared is part of the opcode. The byte
following the opcode specifies the address of the byte in which the specified bit is to be set or
cleared. Any read/write bit in the first 256 locations of memory, including I/O, can be selectively set
or cleared with a single two-byte instruction.
EA = (PC+1); PC
← PC+2
Address bus high
← 0; Address bus low ← (PC+1)
11.3.10
Bit test and branch
The bit test and branch addressing mode is a combination of direct addressing and relative
addressing. The bit to be tested and its condition (set or clear) is included in the opcode. The
address of the byte to be tested is in the single byte immediately following the opcode byte (EA1).
The signed relative 8-bit offset in the third byte (EA2) is added to the PC if the specified bit is set
or cleared in the specified memory location. This single three-byte instruction allows the program
to branch based on the condition of any readable bit in the first 256 locations of memory. The span
of branch is from –125 to +130 from the opcode address. The state of the tested bit is also
transferred to the carry bit of the condition code register.
EA1 = (PC+1); PC
← PC+2
Address bus high
← 0; Address bus low ← (PC+1)
EA2 = PC+3+(PC+2); PC
← EA2 if branch taken;
otherwise PC
← PC+3
159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com