Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 164 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 164 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 160Page - Motorola, Inc HC05 Datasheet HTML 161Page - Motorola, Inc HC05 Datasheet HTML 162Page - Motorola, Inc HC05 Datasheet HTML 163Page - Motorola, Inc HC05 Datasheet HTML 164Page - Motorola, Inc HC05 Datasheet HTML 165Page - Motorola, Inc HC05 Datasheet HTML 166Page - Motorola, Inc HC05 Datasheet HTML 167Page - Motorola, Inc HC05 Datasheet HTML 168Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 232 page
background image
MOTOROLA
12-2
MC68HC05X16
Rev. 1
ELECTRICAL SPECIFICATIONS
12
12.2
DC electrical characteristics
Table 12-2 DC electrical characteristics
(VDD = 5.0 Vdc ± 10%, VSS = 0 Vdc, TA = –40°C to +125°C)
Characteristic(1)
Symbol
Min
Typ(2)
Max
Unit
Output voltage
ILOAD = – 10 µA
ILOAD = +10 µA
VOH
VOL
VDD – 0.1
—
—
—
—
0.1
V
Output high voltage (ILOAD = 0.8mA)
PA0–7, PB0–7, PC0–7, TCMP1, TCMP2,
Output high voltage (ILOAD = 1.6mA)
TDO, SCLK, PLMA, PLMB
Output high voltage (ILOAD = – 300µA)
OSC2
VOH
VOH
VOH
VDD – 0.8
VDD – 0.8
VDD – 0.8
VDD – 0.2
VDD – 0.2
VDD – 0.3
—
—
—
V
Output low voltage (ILOAD = 1.6mA)
PA0–7, PB0–7, PC0–7, TCMP1, TCMP2,
TDO, SCLK, PLMA, PLMB
Output low voltage (ILOAD = 1.6mA)
RESET
Output low voltage (ILOAD = – 100µA)
OSC2
VOL
VOL
VOL
—
—
—
0.1
0.2
0.2
0.4
0.6
0.4
V
Input high voltage
PA0–7, PB0–7, PC0–7, PD0–7, OSC1, IRQ,
RESET, TCAP1, TCAP2, RDI, MDS, NWOI
VIH
0.7 VDD
—VDD
V
Input low voltage
PA0–7, PB0–7, PC0–7, PD0–7, OSC1, IRQ,
RESET, TCAP1, TCAP2, RDI, MDS, NWOI
VIL
VSS
—
0.2VDD
V
Can comparator IDD (IDD1)
(3)(4)(5)
Supply current
RUN: CAN active(6)
STOP: CAN active
WAIT: CAN asleep(7)
STOP: CAN asleep
IDD1
IDD1
IDD1
IDD1
—
—
—
—
360
360
32
10
900
900
100
30
µA
µA
µA
µA
MCU IDD
(3)(4)(8)
Supply current in DIV2 mode
RUN (SM = 0): CAN active
RUN (SM = 1): CAN active
WAIT (SM = 0): CAN active
WAIT (SM =1): CAN active
WAIT (SM = 0): CAN asleep
WAIT (SM = 1): CAN asleep
STOP: CAN active
STOP: CAN asleep
IDD
IDD
IDD
IDD
IDD
IDD
IDD
IDD
—
—
—
—
—
—
—
—
3.6
1.6
1.8
1.5
0.8
0.4
0.5
90
7
3.6
4
3.7
1.4
1.1
1.5
300
mA
mA
mA
mA
mA
mA
mA
µA
MCU IDD
(3)(5)(8)
Supply current in DIV10 mode
RUN (SM = 0): CAN active
RUN (SM = 1): CAN active
WAIT (SM = 0): CAN active
WAIT (SM =1): CAN active
WAIT (SM = 0): CAN asleep
WAIT (SM = 1): CAN asleep
STOP: CAN active
STOP: CAN asleep
IDD
IDD
IDD
IDD
IDD
IDD
IDD
IDD
—
—
—
—
—
—
—
—
6.6
4.6
4.6
4.5
1.2
0.8
0.5
90
13
8
8.5
8
1.8
1.4
1.5
300
mA
mA
mA
mA
mA
mA
mA
µA
High-Z leakage current
PA0–7, PB0–7, PC0–7, TDO, RESET, SCLK
IIL
—
±0.2
±1
µA
162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com