Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 166 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 166 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 162Page - Motorola, Inc HC05 Datasheet HTML 163Page - Motorola, Inc HC05 Datasheet HTML 164Page - Motorola, Inc HC05 Datasheet HTML 165Page - Motorola, Inc HC05 Datasheet HTML 166Page - Motorola, Inc HC05 Datasheet HTML 167Page - Motorola, Inc HC05 Datasheet HTML 168Page - Motorola, Inc HC05 Datasheet HTML 169Page - Motorola, Inc HC05 Datasheet HTML 170Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 232 page
background image
MOTOROLA
12-4
MC68HC05X16
Rev. 1
ELECTRICAL SPECIFICATIONS
12
12.3
A/D converter characteristics
(1) Performance verified down to 2.5V
∆VR, but accuracy is tested and guaranteed at ∆VR = 5V±10%.
(2) Source impedances greater than 10k
Ω will adversely affect internal charging time during input sampling.
(3) The external system error caused by input leakage current is approximately equal to the product of R source and input
current. Input current to A/D channel will be dependent on external source impedance (see Figure 9-2).
Table 12-3 A/D characteristics
(VDD = 5.0 Vdc ± 10%, VSS = 0 Vdc, TA = –40°C to +125°C)
Characteristic
Parameter
Min
Max
Unit
Resolution
Number of bits resolved by the A/D
8
—
Bit
Non-linearity
Max deviation from the best straight line through the A/D
transfer characteristics
(VRH = VDD and VRL = 0V)
—
± 0.5
LSB
Quantization error
Uncertainty due to converter resolution
—
± 0.5
LSB
Absolute accuracy
Difference between the actual input voltage and the
full-scale equivalent of the binary code output code for all
errors
—
± 1
LSB
Conversion range
Analog input voltage range
VRL
VRH
V
VRH
Maximum analog reference voltage
VRL
VDD + 0.1
V
VRL
Minimum analog reference voltage
VSS – 0.1
VRH
V
∆V
R
(1)
Minimum difference between VRH and VRL
3—
V
Conversion time
Total time to perform a single analog to digital conversion
a. External clock (OSC1, OSC2)
b. Internal RC oscillator
—
—
32
32
tCYC
µs
Monotonicity
Conversion result never decreases with an increase in
input voltage and has no missing codes
GUARANTEED
Zero input reading
Conversion result when VIN = VRL
00
—
Hex
Full scale reading
Conversion result when VIN = VRH
—FF
Hex
Sample acquisition time
Analog input acquisition sampling
a. External clock (OSC1, OSC2)
b. Internal RC oscillator(2)
—
—
12
12
tCYC
µs
Sample/hold capacitance Input capacitance on PD0/AN0–PD7/AN7
—
12
pF
Input leakage(3)
Input leakage on A/D pins PD0/AN0–PD7/AN7, VRL, VRH
—
1
µA
164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com