Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 120 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 120 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 116Page - Motorola, Inc HC05 Datasheet HTML 117Page - Motorola, Inc HC05 Datasheet HTML 118Page - Motorola, Inc HC05 Datasheet HTML 119Page - Motorola, Inc HC05 Datasheet HTML 120Page - Motorola, Inc HC05 Datasheet HTML 121Page - Motorola, Inc HC05 Datasheet HTML 122Page - Motorola, Inc HC05 Datasheet HTML 123Page - Motorola, Inc HC05 Datasheet HTML 124Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 232 page
background image
MOTOROLA
7-18
MC68HC05X16
Rev. 1
SERIAL COMMUNICATIONS INTERFACE
7
7.11.5
Baud rate register (BAUD)
The baud rate register provides the means to select two different or equivalent baud rates for the
transmitter and receiver.
SCP1, SCP0 — Serial prescaler select bits
These read/write bits determine the prescale factor, NP, by which the internal processor clock is
divided before it is applied to the transmitter and receiver rate control dividers, NT and NR. This
common prescaled output is used as the input to a divider that is controlled by the SCR0–SCR2
bits for the SCI receiver, and by the SCT0–SCT2 bits for the transmitter.
SCT2, SCT1, SCT0 — SCI rate select bits (transmitter)
These three read/write bits select the baud rates for the transmitter. The prescaler output is divided
by the factors shown in Table 7-4.
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
SCI baud rate (BAUD)
$000D
SCP1
SCP0
SCT2
SCT1
SCT0
SCR2
SCR1
SCR0 00uu uuuu
Table 7-3 First prescaler stage
SCP1
SCP0
Prescaler
division ratio (NP)
00
1
01
3
10
4
11
13
Table 7-4 Second prescaler stage (transmitter)
SCT2
SCT1
SCT0
Transmitter
division ratio (NT)
000
1
001
2
010
4
011
8
100
16
101
32
110
64
111
128
118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com