Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 119 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 119 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 115Page - Motorola, Inc HC05 Datasheet HTML 116Page - Motorola, Inc HC05 Datasheet HTML 117Page - Motorola, Inc HC05 Datasheet HTML 118Page - Motorola, Inc HC05 Datasheet HTML 119Page - Motorola, Inc HC05 Datasheet HTML 120Page - Motorola, Inc HC05 Datasheet HTML 121Page - Motorola, Inc HC05 Datasheet HTML 122Page - Motorola, Inc HC05 Datasheet HTML 123Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
7-17
SERIAL COMMUNICATIONS INTERFACE
7
OR — Overrun error flag
This bit is set when a new byte is ready to be transferred from the receiver shift register to the
receiver data register and the receive data register is already full (RDRF bit is set). Data transfer
is inhibited until the RDRF bit is cleared. Data in the serial communications data register is valid in
this case, but additional data received during an overrun condition (including the byte causing the
overrun) will be lost.
The OR bit is cleared when the serial communications status register is accessed (with OR set)
followed by a read of the serial communications data register.
NF — Noise error flag
This bit is set if there is noise on a ‘valid’ start bit, any of the data bits or on the stop bit. The NF bit
is not set by noise on the idle line nor by invalid start bits. If there is noise, the NF bit is not set until
the RDRF flag is set. Each data bit is sampled three times as described in Section 7.7.
The NF bit represents the status of the byte in the serial communications data register. For the byte
being received (shifted in) there will be also a ‘working’ noise flag, the value of which will be
transferred to the NF bit when the serial data is loaded into the serial communications data
register. The NF bit does not generate an interrupt because the RDRF bit gets set with NF and can
be used to generate the interrupt.
The NF bit is cleared when the serial communications status register is accessed (with NF set)
followed by a read of the serial communications data register.
FE — Framing error flag
This bit is set when the word boundaries in the bit stream are not synchronized with the receiver
bit counter (generated by the reception of a logic zero bit where a stop bit was expected). The FE
bit reflects the status of the byte in the receive data register and the transfer from the receive shift
register to the receive data register is inhibited by an overrun. The FE bit is set during the same
cycle as the RDRF bit but does not get set in the case of an overrun (OR). The framing error flag
inhibits further transfer of data into the receive data register until it is cleared.
The FE bit is cleared when the serial communications status register is accessed (with FE set)
followed by a read of the serial communications data register.
117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com