Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 115 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 115 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 111Page - Motorola, Inc HC05 Datasheet HTML 112Page - Motorola, Inc HC05 Datasheet HTML 113Page - Motorola, Inc HC05 Datasheet HTML 114Page - Motorola, Inc HC05 Datasheet HTML 115Page - Motorola, Inc HC05 Datasheet HTML 116Page - Motorola, Inc HC05 Datasheet HTML 117Page - Motorola, Inc HC05 Datasheet HTML 118Page - Motorola, Inc HC05 Datasheet HTML 119Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
7-13
SERIAL COMMUNICATIONS INTERFACE
7
LBCL – Last bit clock
This bit allows the user to select whether the clock associated with the last data bit transmitted
(MSB) has to be output to the SCLK pin. The clock of the last data bit is output to the SCLK pin if
the LBCL bit is a logic one, and is not output if it is a logic zero.
The last bit is the 8th or 9th data bit transmitted depending on the 8 or 9 bit format selected by M-bit
(seeTable 7-2).
This bit should not be manipulated while the transmitter is enabled.
Figure 7-10 SCI data clock timing diagram (M=1)
Table 7-2 SCI clock on SCLK pin
Data format
M-bit
LBCL bit
Number of clocks on
SCLK pin
8 bit
0
0
7
8 bit
0
1
8
9 bit
1
0
8
9 bit
1
1
9
Idle or preceding
transmission
clock
Stop
Start
LSB
data
M = 1 (9 data bits)
Idle or next
LBCL bit controls last data clock
transmission
clock
clock
clock
*
*
*
*
Start
Stop
0123456
MSB
7
*
8
(CPOL = 0, CPHA = 0)
(CPOL = 0, CPHA = 1)
(CPOL = 1, CPHA = 0)
(CPOL = 1, CPHA = 1)
113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com