Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 111 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 111 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 107Page - Motorola, Inc HC05 Datasheet HTML 108Page - Motorola, Inc HC05 Datasheet HTML 109Page - Motorola, Inc HC05 Datasheet HTML 110Page - Motorola, Inc HC05 Datasheet HTML 111Page - Motorola, Inc HC05 Datasheet HTML 112Page - Motorola, Inc HC05 Datasheet HTML 113Page - Motorola, Inc HC05 Datasheet HTML 114Page - Motorola, Inc HC05 Datasheet HTML 115Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
7-9
SERIAL COMMUNICATIONS INTERFACE
7
7.10
SCI synchronous transmission
The SCI transmitter allows the user to control a one way synchronous serial transmission. The
SCLK pin is the clock output of the SCI transmitter. No clocks are sent to that pin during start bit
and stop bit. Depending on the state of the LBCL bit (bit 0 of SCCR1), clocks will or will not be
activated during the last valid data bit (address mark). The CPOL bit (bit 2 of SCCR1) allows the
user to select the clock polarity, and the CPHA bit (bit 1 of SCCR1) allows the user to select the
phase of the external clock (see Figure 7-8, Figure 7-9 and Figure 7-10).
During idle, preamble and send break, the external SCLK clock is not activated.
These options allow the user to serially control peripherals which consist of shift registers, without
losing any functions of the SCI transmitter which can still talk to other SCI receivers. These options
do not affect the SCI receiver which is independent of the transmitter.
The SCLK pin works in conjunction with the TDO pin. When the SCI transmitter is disabled
(TE = 0), the SCLK and TDO pins go to the high impedance state.
Note:
The LBCL, CPOL and CPHA bits have to be selected before enabling the transmitter to
ensure that the clocks function correctly. These bits should not be changed while the
transmitter is enabled.
Figure 7-8 SCI example of synchronous and asynchronous transmission
RDI
TDO
SCLK
Output port
Data out
Data in
Data in
Clock
Enable
Asynchronous
MC68HC05X16
(e.g. Modem)
Synchronous
(e.g. shift register,
display driver, etc.)
109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com