Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 110 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 110 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 106Page - Motorola, Inc HC05 Datasheet HTML 107Page - Motorola, Inc HC05 Datasheet HTML 108Page - Motorola, Inc HC05 Datasheet HTML 109Page - Motorola, Inc HC05 Datasheet HTML 110Page - Motorola, Inc HC05 Datasheet HTML 111Page - Motorola, Inc HC05 Datasheet HTML 112Page - Motorola, Inc HC05 Datasheet HTML 113Page - Motorola, Inc HC05 Datasheet HTML 114Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 232 page
background image
MOTOROLA
7-8
MC68HC05X16
Rev. 1
SERIAL COMMUNICATIONS INTERFACE
7
If the receiver detects that a break (RDRF = 1, FE = 1, receiver data register = $0000) produced
the framing error, the start bit will not be artificially induced and the receiver must actually detect
a logic one before the start bit can be recognised (see Figure 7-7).
7.9
Transmit data out (TDO)
Transmit data is the serial data from the internal data bus that is applied through the SCI to the
output line. Data format is as discussed in Section 7.5 and shown in Figure 7-3. The transmitter
generates a bit time by using a derivative of the RT clock, thus producing a transmission rate equal
to 1/16th that of the receiver sample clock (assuming the same baud rate is selected for both the
receiver and transmitter).
Figure 7-6 Artificial start following a framing error
Figure 7-7 SCI start bit following a break
Data
Expected stop
Data samples
Artificial edge
Start bit
Data
RDI
Data
Expected stop
Data samples
Start edge
Start bit
Data
RDI
a) Case 1: receive line low during artificial edge
b) Case 2: receive line high during expected start edge
Expected stop
Data samples
Detected as valid start edge
Start bit
RDI
Break
Start
qualifiers
Start edge
verification
samples
108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com