Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 114 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 114 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 110Page - Motorola, Inc HC05 Datasheet HTML 111Page - Motorola, Inc HC05 Datasheet HTML 112Page - Motorola, Inc HC05 Datasheet HTML 113Page - Motorola, Inc HC05 Datasheet HTML 114Page - Motorola, Inc HC05 Datasheet HTML 115Page - Motorola, Inc HC05 Datasheet HTML 116Page - Motorola, Inc HC05 Datasheet HTML 117Page - Motorola, Inc HC05 Datasheet HTML 118Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 232 page
background image
MOTOROLA
7-12
MC68HC05X16
Rev. 1
SERIAL COMMUNICATIONS INTERFACE
7
CPOL – Clock polarity
This bit allows the user to select the polarity of the clocks to be sent to the SCLK pin. It works in
conjunction with the CPHA bit to produce the desired clock-data relation (see Figure 7-9 and
Figure 7-10).
1 (set)
–
Steady high value at SCLK pin outside transmission window.
0 (clear) –
Steady low value at SCLK pin outside transmission window.
This bit should not be manipulated while the transmitter is enabled.
CPHA – Clock phase
This bit allows the user to select the phase of the clocks to be sent to the SCLK pin. This bit works
in conjunction with the CPOL bit to produce the desired clock-data relation (see Figure 7-9 and
Figure 7-10).
1 (set)
–
SCLK clock line activated at beginning of data bit.
0 (clear) –
SCLK clock line activated in middle of data bit.
This bit should not be manipulated while the transmitter is enabled.
Figure 7-9 SCI data clock timing diagram (M=0)
Idle or preceding
transmission
clock
Stop
Start
LSB
data
M = 0 (8 data bits)
Idle or next
LBCL bit controls last data clock
transmission
clock
clock
clock
*
*
*
*
*
Start
Stop
0123456
MSB
7
(CPOL = 0, CPHA = 0)
(CPOL = 0, CPHA = 1)
(CPOL = 1, CPHA = 0)
(CPOL = 1, CPHA = 1)
112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com