Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 117 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 117 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 113Page - Motorola, Inc HC05 Datasheet HTML 114Page - Motorola, Inc HC05 Datasheet HTML 115Page - Motorola, Inc HC05 Datasheet HTML 116Page - Motorola, Inc HC05 Datasheet HTML 117Page - Motorola, Inc HC05 Datasheet HTML 118Page - Motorola, Inc HC05 Datasheet HTML 119Page - Motorola, Inc HC05 Datasheet HTML 120Page - Motorola, Inc HC05 Datasheet HTML 121Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
7-15
SERIAL COMMUNICATIONS INTERFACE
7
After loading the last byte in the serial communications data register and receiving the TDRE flag,
the user should clear TE. Transmission of the last byte will then be completed and the line will go
idle.
1 (set)
–
Transmitter enabled.
0 (clear) –
Transmitter disabled.
RE — Receiver enable
1 (set)
–
Receiver enabled.
0 (clear) –
Receiver disabled.
When RE is clear (receiver disabled) all the status bits associated with the receiver (RDRF, IDLE,
OR, NF and FE) are inhibited.
RWU — Receiver wake-up
When the receiver wake-up bit is set by the user software, it puts the receiver to sleep and enables
the wake-up function. The type of wake-up mode for the receiver is determined by the WAKE bit
discussed above (in the SCCR1). When the RWU bit is set, no status flags will be set. Flags which
were set previously will not be cleared when RWU is set.
If the WAKE bit is cleared, RWU is cleared by the SCI logic after receiving 10 (M = 0) or 11 (M =1)
consecutive ones. Under these conditions, RWU cannot be set if the line is idle. If the WAKE bit is
set, RWU is cleared after receiving an address bit. The RDRF flag will then be set and the address
byte stored in the receiver data register.
SBK — Send break
If the send break bit is toggled set and cleared, the transmitter sends 10 (M = 0) or 11 (M = 1) zeros
and then reverts to idle sending data. If SBK remains set, the transmitter will continually send
whole blocks of zeros (sets of 10 or 11) until cleared. At the completion of the break code, the
transmitter sends at least one high bit to guarantee recognition of a valid start bit.
115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com