Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 113 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 113 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 109Page - Motorola, Inc HC05 Datasheet HTML 110Page - Motorola, Inc HC05 Datasheet HTML 111Page - Motorola, Inc HC05 Datasheet HTML 112Page - Motorola, Inc HC05 Datasheet HTML 113Page - Motorola, Inc HC05 Datasheet HTML 114Page - Motorola, Inc HC05 Datasheet HTML 115Page - Motorola, Inc HC05 Datasheet HTML 116Page - Motorola, Inc HC05 Datasheet HTML 117Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
7-11
SERIAL COMMUNICATIONS INTERFACE
7
R8 — Receive data bit 8
This read-only bit is the ninth serial data bit received when the SCI system is configured for nine
data bit operation (M = 1). The most significant bit (bit 8) of the received character is transferred
into this bit at the same time as the remaining eight bits (bits 0–7) are transferred from the serial
receive shift register to the SCI receive data register.
T8 — Transmit data bit 8
This read/write bit is the ninth data bit to be transmitted when the SCI system is configured for nine
data bit operation (M = 1). When the eight low order bits (bits 0–7) of a transmit character are
transferred from the SCI data register to the serial transmit shift register, this bit (bit 8) is transferred
to the ninth bit position of the shift register.
M — Mode (select character format)
The read/write M-bit controls the character length for both the transmitter and receiver at the same
time. The 9th data bit is most commonly used as an extra stop bit or it can also be used as a parity
bit (see Table 7-1).
1 (set)
–
Start bit, 9 data bits, 1 stop bit.
0 (clear) –
Start bit, 8 data bits, 1 stop bit.
WAKE — Wake-up mode select
This bit allows the user to select the method for receiver wake-up. The WAKE bit can be read or
written to any time. See Table 7-1.
1 (set)
–
Wake-up on address mark; if RWU is set, SCI will wake-up if the 8th
(if M=0) or the 9th (if M=1) bit received on the Rx line is set.
0 (clear) –
Wake-up on idle line; if RWU is set, SCI will wake-up after 11 (if M=0)
or 12 (if M=1) consecutive ‘1’s on the Rx line.
Table 7-1 Method of receiver wake-up
WAKE
M
Method of receiver wake-up
0x
Detection of an idle line allows the next data type received to cause the receive
data register to fill and produce an RDRF flag.
10
Detection of a received one in the eighth data bit allows an RDRF flag and
associated error flags.
11
Detection of a received one in the ninth data bit allows an RDRF flag and
associated error flags.
x = Don’t care
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com