Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 116 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 116 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 112Page - Motorola, Inc HC05 Datasheet HTML 113Page - Motorola, Inc HC05 Datasheet HTML 114Page - Motorola, Inc HC05 Datasheet HTML 115Page - Motorola, Inc HC05 Datasheet HTML 116Page - Motorola, Inc HC05 Datasheet HTML 117Page - Motorola, Inc HC05 Datasheet HTML 118Page - Motorola, Inc HC05 Datasheet HTML 119Page - Motorola, Inc HC05 Datasheet HTML 120Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 232 page
background image
MOTOROLA
7-14
MC68HC05X16
Rev. 1
SERIAL COMMUNICATIONS INTERFACE
7
7.11.3
Serial communications control register 2 (SCCR2)
The SCI control register 2 (SCCR2) provides the control bits that enable/disable individual SCI
functions.
TIE — Transmit interrupt enable
1 (set)
–
TDRE interrupts enabled.
0 (clear) –
TDRE interrupts disabled.
TCIE — Transmit complete interrupt enable
1 (set)
–
TC interrupts enabled.
0 (clear) –
TC interrupts disabled.
RIE — Receiver interrupt enable
1 (set)
–
RDRF and OR interrupts enabled.
0 (clear) –
RDRF and OR interrupts disabled.
ILIE — Idle line interrupt enable
1 (set)
–
IDLE interrupts enabled.
0 (clear) –
IDLE interrupts disabled.
TE — Transmitter enable
When the transmit enable bit is set, the transmit shift register output is applied to the TDO line and
the corresponding clocks are applied to the SCLK pin. Depending on the state of control bit M
(SCCR1), a preamble of 10 (M = 0) or 11 (M = 1) consecutive ones is transmitted when software
sets the TE bit from a cleared state.
If a transmission is in progress and a zero is written to TE, the transmitter will wait until after the
present byte has been transmitted before placing the TDO and the SCLK pin in the idle, high
impedance state.
If the TE bit has been written to a zero and then set to a one before the current byte is transmitted,
the transmitter will wait for that byte to be transmitted and will then initiate transmission of a new
preamble. After this latest transmission, and provided the TDRE bit is set (no new data to transmit),
the line remains idle (driven high while TE = 1); otherwise, normal transmission occurs. This
function allows the user to neatly terminate a transmission sequence.
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
SCI control (SCCR2)
$000F
TIE
TCIE
RIE
ILIE
TE
RE
RWU
SBK
0000 0000
114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com