Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 112 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 112 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 108Page - Motorola, Inc HC05 Datasheet HTML 109Page - Motorola, Inc HC05 Datasheet HTML 110Page - Motorola, Inc HC05 Datasheet HTML 111Page - Motorola, Inc HC05 Datasheet HTML 112Page - Motorola, Inc HC05 Datasheet HTML 113Page - Motorola, Inc HC05 Datasheet HTML 114Page - Motorola, Inc HC05 Datasheet HTML 115Page - Motorola, Inc HC05 Datasheet HTML 116Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 232 page
background image
MOTOROLA
7-10
MC68HC05X16
Rev. 1
SERIAL COMMUNICATIONS INTERFACE
7
7.11
SCI registers
The SCI system is configured and controlled by five registers: SCDR, SCCR1, SCCR2, SCSR,
and BAUD.
7.11.1
Serial communications data register (SCDR)
The SCDR is controlled by the internal R/W signal and performs two functions in the SCI. It acts
as the receive data register (RDR) when it is read and as the transmit data register (TDR) when it
is written. Figure 7-1 shows this register as two separate registers, RDR and TDR. The RDR
provides the interface from the receive shift register to the internal data bus and the TDR provides
the parallel interface from the internal data bus to the transmit shift register.
The receive data register is a read-only register containing the last byte of data received from the
shift register for the internal data bus. The RDR full bit (RDRF) in the serial communications status
register is set to indicate that a byte has been transferred from the input serial shift register to the
SCDR. The transfer is synchronized with the receiver bit rate clock (from the receiver control) as
shown in Figure 7-1. All data is received with the least significant bit first.
The transmit data register (TDR) is a write-only register containing the next byte of data to be
applied to the transmit shift register from the internal data bus. As long as the transmitter is
enabled, data stored in the SCDR is transferred to the transmit shift register (after the current byte
in the shift register has been transmitted).
The transfer is synchronized with the transmitter bit rate clock (from the transmitter control) as
shown in Figure 7-1. All data is received with the least significant bit first.
7.11.2
Serial communications control register 1 (SCCR1)
The SCI control register 1 (SCCR1) contains control bits related to the nine data bit character
format, the receiver wake-up feature and the options to output the transmitter clocks for
synchronous transmissions.
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
SCI data (SCDR)
$0011
0000 0000
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
SCI control 1 (SCCR1)
$000E
R8
T8
M
WAKE CPOL
CPHA
LBCL
Undefined
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com