Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 108 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 108 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 104Page - Motorola, Inc HC05 Datasheet HTML 105Page - Motorola, Inc HC05 Datasheet HTML 106Page - Motorola, Inc HC05 Datasheet HTML 107Page - Motorola, Inc HC05 Datasheet HTML 108Page - Motorola, Inc HC05 Datasheet HTML 109Page - Motorola, Inc HC05 Datasheet HTML 110Page - Motorola, Inc HC05 Datasheet HTML 111Page - Motorola, Inc HC05 Datasheet HTML 112Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 232 page
background image
MOTOROLA
7-6
MC68HC05X16
Rev. 1
SERIAL COMMUNICATIONS INTERFACE
7
7.6.1
Idle line wake-up
In idle line wake-up mode, a dormant receiver wakes up as soon as the RDI line becomes idle. Idle
is defined as a continuous logic high level on the RDI line for ten (or eleven) full bit times. Systems
using this type of wake-up must provide at least one character time of idle between messages to
wake up sleeping receivers, but must not allow any idle time between characters within a message.
7.6.2
Address mark wake-up
In address mark wake-up, the most significant bit (MSB) in a character is used to indicate whether
it is an address (1) or data (0) character. Sleeping receivers will wake up whenever an address
character is received. Systems using this method for wake-up would set the MSB of the first
character of each message and leave it clear for all other characters in the message. Idle periods
may be present within messages and no idle time is required between messages for this wake-up
method.
7.7
Receive data in (RDI)
Receive data is the serial data that is applied through the input line and the SCI to the internal bus.
The receiver circuitry clocks the input at a rate equal to 16 times the baud rate. This time is referred
to as the RT rate in Figure 7-4 and as the receiver clock in Figure 7-2.
The receiver clock generator is controlled by the baud rate register, as shown in Figure 7-1 and
Figure 7-2; however, the SCI is synchronized by the start bit, independent of the transmitter.
Once a valid start bit is detected, the start bit, each data bit and the stop bit are sampled three
times at RT intervals 8 RT, 9 RT and 10 RT (1 RT is the position where the bit is expected to start),
as shown in Figure 7-5. The value of the bit is determined by voting logic which takes the value of
the majority of the samples. A noise flag is set when all three samples on a valid start bit or data
bit or the stop bit do not agree.
7.8
Start bit detection
When the input (idle) line is detected low, it is tested for three more sample times (referred to as
the start edge verification samples in Figure 7-4). If at least two of these three verification samples
detect a logic zero, a valid start bit has been detected, otherwise the line is assumed to be idle. A
noise flag is set if one of the three verification samples detect a logic one, thus a valid start bit could
be assumed with a set noise flag present.
If there has been a framing error without detection of a break (10 zeros for 8 bit format or 11 zeros
for 9 bit format), the circuit continues to operate as if there actually was a stop bit, and the start
106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com