Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 126 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 126 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 122Page - Motorola, Inc HC05 Datasheet HTML 123Page - Motorola, Inc HC05 Datasheet HTML 124Page - Motorola, Inc HC05 Datasheet HTML 125Page - Motorola, Inc HC05 Datasheet HTML 126Page - Motorola, Inc HC05 Datasheet HTML 127Page - Motorola, Inc HC05 Datasheet HTML 128Page - Motorola, Inc HC05 Datasheet HTML 129Page - Motorola, Inc HC05 Datasheet HTML 130Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 232 page
background image
MOTOROLA
8-2
MC68HC05X16
Rev. 1
PULSE LENGTH D/A CONVERTERS
8
The D/A converter has two data registers associated with it, PLMA and PLMB.
This is a dual 8-bit resolution D/A converter associated with two output pins (PLMA and PLMB).
The outputs are pulse length modulated signals whose duty cycle ratio may be modified. These
signals can be used directly as PLMs, or the filtered average may be used as general purpose
analog outputs.
The longest repetition period is 4096 times the programmable timer clock period (CPU clock
multiplied by four), and the shortest repetition period is 256 times the programmable timer clock
period (the repetition rate frequencies for a 4 MHz crystal are 122 Hz and 1953 Hz respectively).
Registers PLMA ($0A) and PLMB ($0B) are associated with the pulse length values of the two
counters. A value of $00 loaded into these registers results in a continuously low output on the
corresponding D/A output pin. A value of $80 results in a 50% duty cycle output, and so on, to the
maximum value $FF corresponding to an output which is at ‘1’ for 255/256 of the cycle. When the
MCU makes a write to register PLMA or PLMB the new value will only be picked up by the D/A
converters at the end of a complete cycle of conversion. This results in a monotonic change of the
DC component at the output without overshoots or vicious starts (a vicious start is an output which
gives totally erroneous PLM during the period immediately following an update of the PLM D/A
registers). This feature is achieved by double buffering of the PLM D/A registers. Examples of
PWM output waveforms are shown in Figure 8-2.
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
Pulse length modulation A (PLMA)
$000A
0000 0000
Pulse length modulation B (PLMB)
$000B
0000 0000
Figure 8-2 PLM output waveform examples
256 T
255 T
128 T
T
$80
$FF
T = 4 CPU clocks in fast mode and 64 CPU clocks in slow mode
128 T
T
$00
$01
255 T
124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com