Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 130 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 130 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 126Page - Motorola, Inc HC05 Datasheet HTML 127Page - Motorola, Inc HC05 Datasheet HTML 128Page - Motorola, Inc HC05 Datasheet HTML 129Page - Motorola, Inc HC05 Datasheet HTML 130Page - Motorola, Inc HC05 Datasheet HTML 131Page - Motorola, Inc HC05 Datasheet HTML 132Page - Motorola, Inc HC05 Datasheet HTML 133Page - Motorola, Inc HC05 Datasheet HTML 134Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 232 page
background image
MOTOROLA
9-2
MC68HC05X16
Rev. 1
ANALOG TO DIGITAL CONVERTER
9
The A/D reference input (AN0–AN7) is applied to a precision internal D/A converter. Control logic
drives this D/A converter and the analog output is successively compared with the analog input
sampled at the beginning of the conversion. The conversion is monotonic with no missing codes.
The result of each successive comparison is stored in the SAR and, when the conversion is
complete, the contents of the SAR are transferred to the read-only result data register ($08), and
the conversion complete flag, COCO, is set in the A/D status/control register ($09).
Warning: Any write to the A/D status/control register will abort the current conversion, reset the
conversion complete flag and start a new conversion on the selected channel.
At power-on or external reset, both the ADRC and ADON bits are cleared; thus the A/D is disabled.
Figure 9-1 A/D converter block diagram
AN0
VRH
(VRH+VRL)/2
VRL
A/D result register (ADDATA) $08
8-bit capacitive DAC
with sample and hold
VRH
VRL
Result
A/D status/control register (ADSTAT)$09
COCO
ADRC
ADON
0
CH3
CH2
CH1
CH0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
Successive approximation
register (SAR) and control
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com