Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 131 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 131 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 127Page - Motorola, Inc HC05 Datasheet HTML 128Page - Motorola, Inc HC05 Datasheet HTML 129Page - Motorola, Inc HC05 Datasheet HTML 130Page - Motorola, Inc HC05 Datasheet HTML 131Page - Motorola, Inc HC05 Datasheet HTML 132Page - Motorola, Inc HC05 Datasheet HTML 133Page - Motorola, Inc HC05 Datasheet HTML 134Page - Motorola, Inc HC05 Datasheet HTML 135Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
9-3
ANALOG TO DIGITAL CONVERTER
9
9.2
A/D registers
9.2.1
Port D data register (PORTD)
Port D is an input-only port which routes the eight analog inputs to the A/D converter. When the
A/D converter is disabled, the pins are configured as standard input-only port pins, which can be
read via the port D data register.
Note:
When the A/D function is enabled, pins PD0–PD7 will act as analog inputs. Using a pin
or pins as A/D inputs does not affect the ability to read port D as static inputs; however,
reading port D during an A/D conversion sequence may inject noise on the analog
inputs and result in reduced accuracy of the A/D result.
Performing a digital read of port D with levels other than VDD or VSS on the pins will
result in greater power dissipation during the read cycle, and may give unpredictable
results on the corresponding port D pins.
9.2.2
A/D result data register (ADDATA)
ADDATA is a read-only register which is used to store the results of A/D conversions. Each result
is loaded into the register from the SAR and the conversion complete flag, COCO, in the ADSTAT
register is set.
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
Port D data (PORTD)
$0003
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
Undefined
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
A/D data (ADDATA)
$0008
0000 0000
129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com