Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 133 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 133 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 129Page - Motorola, Inc HC05 Datasheet HTML 130Page - Motorola, Inc HC05 Datasheet HTML 131Page - Motorola, Inc HC05 Datasheet HTML 132Page - Motorola, Inc HC05 Datasheet HTML 133Page - Motorola, Inc HC05 Datasheet HTML 134Page - Motorola, Inc HC05 Datasheet HTML 135Page - Motorola, Inc HC05 Datasheet HTML 136Page - Motorola, Inc HC05 Datasheet HTML 137Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
9-5
ANALOG TO DIGITAL CONVERTER
9
ADON — A/D converter on
The ADON bit allows the user to enable/disable the A/D converter.
1 (set)
–
A/D converter is switched on.
0 (clear) –
A/D converter is switched off.
When the A/D converter is switched on, it takes a time t
ADON for the current sources to stabilize
(see Table 12-3). During this time A/D conversion results may be inaccurate.
Power-on or external reset will clear the ADON bit, thus disabling the A/D converter.
CH3–CH0 — A/D channels 3, 2, 1 and 0
The CH3–CH0 bits allow the user to determine which channel of the A/D converter multiplexer is
selected. See Table 9-2 for channel selection.
Reset clears the CH0–CH3 bits.
9.3
A/D converter during STOP mode
When the MCU enters STOP mode with the A/D converter turned on, the A/D clocks are stopped
and the A/D converter is disabled for the duration of STOP mode, including the 4064 cycles
start-up time. If the A/D RC oscillator is in operation it will also be disabled.
Table 9-2 A/D channel assignment
CH3
CH2
CH1
CH0
Channel selected
0000
AN0
0001
AN1
0010
AN2
0011
AN3
0100
AN4
0101
AN5
0110
AN6
0111
AN7
1
0
0
0
VRH pin (high)
1
0
0
1
(VRH + VRL) / 2
1
0
1
0
VRL pin (low)
1
0
1
1
VRL pin (low)
1
1
0
0
VRL pin (low)
1
1
0
1
VRL pin (low)
1
1
1
0
VRL pin (low)
1
1
1
1
VRL pin (low)
131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com