Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 137 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 137 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 133Page - Motorola, Inc HC05 Datasheet HTML 134Page - Motorola, Inc HC05 Datasheet HTML 135Page - Motorola, Inc HC05 Datasheet HTML 136Page - Motorola, Inc HC05 Datasheet HTML 137Page - Motorola, Inc HC05 Datasheet HTML 138Page - Motorola, Inc HC05 Datasheet HTML 139Page - Motorola, Inc HC05 Datasheet HTML 140Page - Motorola, Inc HC05 Datasheet HTML 141Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
10-3
RESETS AND INTERRUPTS
10
10.1.3
RESET pin
When the oscillator is running in a stable condition, the MCU is reset when a logic zero is applied
to the RESET input for a minimum period of 1.5 machine cycles (tCYC). An internal Schmitt Trigger
is used to improve noise immunity on this pin. When the RESET pin goes high, the MCU will
resume operation on the following cycle. When a reset condition occurs internally, i.e. from POR
or the COP watchdog, the RESET pin provides an active-low open drain output signal which may
be used to reset external hardware. Current limitation to protect the pull-down device is provided
in case an RC type external reset circuit is used.
Note:
If an external RC is connected to RESET, turning on the RESET pull-down transistor
may discharge the capacitor. The device will then remain in reset until the capacitor has
recharged, after turning off the pull-down device.
10.1.4
Computer operating properly (COP) watchdog reset
The watchdog counter system consists of a divide-by-7 counter, preceded by a fixed divide-by-4
and a fixed divide-by-256 prescaler, plus control logic as shown in Figure 10-3. The divide-by-7
counter can be reset by software.
Note:
The input to the watchdog system is derived from the carry output of bit 7 of the free
running timer counter. Therefore, a reset of the timer may affect the period of the
watchdog timeout.
Figure 10-2 RESET external RC pull-down
RESET
VDD
pin
pin
MC68HC05X16
135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com