Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 136 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 136 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 132Page - Motorola, Inc HC05 Datasheet HTML 133Page - Motorola, Inc HC05 Datasheet HTML 134Page - Motorola, Inc HC05 Datasheet HTML 135Page - Motorola, Inc HC05 Datasheet HTML 136Page - Motorola, Inc HC05 Datasheet HTML 137Page - Motorola, Inc HC05 Datasheet HTML 138Page - Motorola, Inc HC05 Datasheet HTML 139Page - Motorola, Inc HC05 Datasheet HTML 140Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 232 page
background image
MOTOROLA
10-2
MC68HC05X16
Rev. 1
RESETS AND INTERRUPTS
10
10.1.1
Power-on reset
A power-on reset occurs when a positive transition is detected on VDD. The power-on reset
function is strictly for power turn-on conditions and should not be used to detect drops in the power
supply voltage. The power-on circuitry provides a stabilization delay (tPORL) from when the
oscillator becomes active. If the external RESET pin is low at the end of this delay then the
processor remains in the reset state until RESET goes high. The user must ensure that the voltage
on VDD has risen to a point where the MCU can operate properly by the time tPORL has elapsed.
If there is doubt, the external RESET pin should remain low until the voltage on VDD has reached
the specified minimum operating voltage. This may be accomplished by connecting an external RC
circuit to this pin to generate a power-on reset (POR). In this case, the time constant must be great
enough to allow the oscillator circuit to stabilize.
During power-on reset, the RESET pin is driven low during a tPORL delay start-up sequence. tPORL is
defined by a user specified mask option to be either 16 cycles or 4064 cycles (see Section 1.2).
A software distinction between a power-on reset and an external reset can be made using the POR
bit in the miscellaneous register (see Section 10.1.2).
10.1.2
Miscellaneous register
POR — Power-on reset bit
This bit is set each time the device is powered on. Therefore, the state of the POR bit allows the
user to make a software distinction between a power-on and an external reset. This bit cannot be
set by software and is cleared by writing it to zero.
1 (set)
–
A power-on reset has occurred.
0 (clear) –
No power-on reset has occurred.
Note:
The bits shown shaded in the above representation are explained individually in the
relevant sections of this manual. The complete register plus an explanation of each bit
can be found in Section 3.8.
(1) The POR bit is set each time there is a power-on reset.
(2) The state of the WDOG bit after reset is dependent on the mask option selected; 1=watchdog enabled,
0=watchdog disabled.
Address bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
Miscellaneous
$000C POR(1) INTP INTN INTE
SFA
SFB
SM WDOG(2) u001 000u
134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com