Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 139 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 139 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 135Page - Motorola, Inc HC05 Datasheet HTML 136Page - Motorola, Inc HC05 Datasheet HTML 137Page - Motorola, Inc HC05 Datasheet HTML 138Page - Motorola, Inc HC05 Datasheet HTML 139Page - Motorola, Inc HC05 Datasheet HTML 140Page - Motorola, Inc HC05 Datasheet HTML 141Page - Motorola, Inc HC05 Datasheet HTML 142Page - Motorola, Inc HC05 Datasheet HTML 143Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
10-5
RESETS AND INTERRUPTS
10
10.1.4.1
COP watchdog during STOP mode
The STOP instruction is inhibited when the watchdog system is enabled. If a STOP instruction is
executed while the watchdog system is enabled, then a watchdog reset will occur as if there were
a watchdog timeout. In the case of a watchdog reset due to a STOP instruction, the oscillator will
not be affected, thus there will be no tPORL cycles start-up delay. On start-up, the watchdog will be
configured according to the user specified mask option.
10.1.4.2
COP watchdog during WAIT mode
The state of the watchdog during WAIT mode is selected via a mask option (see Section 1.2) to
be one of the options below:
Watchdog enabled — the watchdog counter will continue to operate during WAIT mode and a reset
will occur after time tDOG.
Watchdog disabled — on entering WAIT mode, the watchdog counter system is reset and
disabled. On exiting WAIT mode the counter resumes normal operation.
10.1.5
Functions affected by reset
When processing stops within the MCU for any reason, i.e. power-on reset, external reset or the
execution of a STOP or WAIT instruction, various internal functions of the MCU are affected.
Table 10-1 shows the resulting action of any type of system reset, but not necessarily in the order
in which they occur.
Note:
Reset action on individual MCAN registers is described in Section 5 and is also
summarised in Table 3-2.
137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com