Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 134 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 134 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 130Page - Motorola, Inc HC05 Datasheet HTML 131Page - Motorola, Inc HC05 Datasheet HTML 132Page - Motorola, Inc HC05 Datasheet HTML 133Page - Motorola, Inc HC05 Datasheet HTML 134Page - Motorola, Inc HC05 Datasheet HTML 135Page - Motorola, Inc HC05 Datasheet HTML 136Page - Motorola, Inc HC05 Datasheet HTML 137Page - Motorola, Inc HC05 Datasheet HTML 138Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 232 page
background image
MOTOROLA
9-6
MC68HC05X16
Rev. 1
ANALOG TO DIGITAL CONVERTER
9
9.4
A/D converter during WAIT mode
The A/D converter is not affected by WAIT mode and continues normal operation.
In order to reduce power consumption the A/D converter can be disconnected, under software
control using the ADON bit and the ADRC bit in the A/D status/control register at $0009, before
entering WAIT mode.
9.5
Port D analog input
The external analog voltage value to be processed by the A/D converter is sampled on an internal
capacitor through a resistive path, provided by input-selection switches and a sampling aperture
time switch, as shown in Figure 9-2. Sampling time is limited to 12 bus clock cycles. After sampling,
the analog value is stored on the capacitor and held until the end of conversion. During this hold
time, the analog input is disconnected from the internal A/D system and the external voltage
source sees a high impedance input.
The equivalent analog input during sampling is an RC low-pass filter with a minimum resistance
of 50 k
Ω and a capacitance of at least 10pF. It should be noted that these are typical values
measured at room temperature.
Figure 9-2 Electrical model of an A/D input pin
Analog
input
pin
Input protection device
VRL
< 2pF
+ ~20V
- ~0.7V
400 nA
junction
leakage
≥50kΩ
≥10pF
DAC
capacitance
Note:
The analog switch is closed during the 12 cycle sample
time only.
132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com