Electronic Components Datasheet Search
  English  ▼

X  

HC05 Datasheet(PDF) 127 Page - Motorola, Inc

Part # HC05
Description  High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC05 Datasheet(HTML) 127 Page - Motorola, Inc

Back Button HC05 Datasheet HTML 123Page - Motorola, Inc HC05 Datasheet HTML 124Page - Motorola, Inc HC05 Datasheet HTML 125Page - Motorola, Inc HC05 Datasheet HTML 126Page - Motorola, Inc HC05 Datasheet HTML 127Page - Motorola, Inc HC05 Datasheet HTML 128Page - Motorola, Inc HC05 Datasheet HTML 129Page - Motorola, Inc HC05 Datasheet HTML 130Page - Motorola, Inc HC05 Datasheet HTML 131Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 232 page
background image
MC68HC05X16
Rev. 1
MOTOROLA
8-3
PULSE LENGTH D/A CONVERTERS
8
Note:
Since the PLM system uses the timer counter, PLM results will be affected while resetting
the timer counter. Both D/A registers are reset to $00 during power-on or external reset.
WAIT mode does not affect the output waveform of the D/A converters.
8.1
Miscellaneous register
SFA — Slow or fast mode selection for PLMA
This bit allows the user to select the slow or fast mode of the PLMA pulse length modulation output.
1 (set)
–
Slow mode PLMA (4096 x timer clock period).
0 (clear) –
Fast mode PLMA (256 x timer clock period).
SFB — Slow or fast mode selection for PLMB
This bit allows the user to select the slow or fast mode of the PLMB pulse length modulation output.
1 (set)
–
Slow mode PLMB (4096 x timer clock period).
0 (clear) –
Fast mode PLMB (256 x timer clock period).
The highest speed of the PLM system corresponds to the frequency of the TOF bit being set,
multiplied by 256. The lowest speed of the PLM system corresponds to the frequency of the TOF
bit being set, multiplied by 16. Because the SFA bit and SFB bit are not double buffered, it is
mandatory to set them to the desired values before writing to the PLM registers; not doing so could
temporarily give incorrect values at the PLM outputs.
SM — Slow mode
1 (set)
–
The system runs at a bus speed 16 times lower than normal
(fOSC/32). SLOW mode affects all sections of the device, including
SCI, A/D and timer.
0 (clear) –
The system runs at normal bus speed (fOSC/2).
The SM bit is cleared by external or power-on reset. The SM bit is automatically cleared when
entering STOP mode.
Note:
The bits that are shown shaded in the above representation are explained individually
in the relevant sections of this manual. The complete register plus an explanation of
each bit can be found in Section 3.8.
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
Miscellaneous
$000C
POR
INTP
INTN
INTE
SFA
SFB
SM
WDOG u001 000u
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com