Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 131 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 131 Page - Analog Devices

Back Button AD9173 Datasheet HTML 127Page - Analog Devices AD9173 Datasheet HTML 128Page - Analog Devices AD9173 Datasheet HTML 129Page - Analog Devices AD9173 Datasheet HTML 130Page - Analog Devices AD9173 Datasheet HTML 131Page - Analog Devices AD9173 Datasheet HTML 132Page - Analog Devices AD9173 Datasheet HTML 133Page - Analog Devices AD9173 Datasheet HTML 134Page - Analog Devices AD9173 Datasheet HTML 135Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 131 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
until the counter is reset by the user; otherwise, the
counter rolls over and continues counting. Counters
of each lane are addressed as follows:
Bit 2 = unexpected K character error (UEK).
Bit 1 = not in table error (NIT).
Bit 0 = bad disparity error (BDE).
0x494
ECNT_STAT4
[7:4]
RESERVED
Reserved.
0x0
R
3
LANE_ENA4
This output indicates if Lane 4 is enabled. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R
[2:0]
ECNT_TCR4
Terminal count reached indicator of error counters for
Lane 4. This control is paged by the LINK_PAGE
control in Register 0x300. Set these bits to 1 when
the corresponding counter terminal count value of
0xFF is reached. If ECNT_TCHx is set, the terminal
count value for the corresponding counter is held
until the counter is reset by the user; otherwise, the
counter rolls over and continues counting. Counters
of each lane are addressed as follows:
0x0
R
Bit 2 = unexpected K character error (UEK).
Bit 1 = not in table error (NIT).
Bit 0 = bad disparity error (BDE).
0x495
ECNT_STAT5
[7:4]
RESERVED
Reserved.
0x0
R
3
LANE_ENA5
This output indicates if Lane 5 is enabled. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R
[2:0]
ECNT_TCR5
Terminal count reached indicator of error counters for
Lane 5. This control is paged by the LINK_PAGE
control in Register 0x300. Set these bits to 1 when
the corresponding counter terminal count value of
0xFF is reached. If ECNT_TCHx is set, the terminal
count value for the corresponding counter is held
until the counter is reset by the user; otherwise, the
counter rolls over and continues counting. Counters
of each lane are addressed as follows:
0x0
R
Bit 2 = unexpected K character error (UEK).
Bit 1 = not in table error (NIT).
Bit 0 = bad disparity error (BDE).
0x496
ECNT_STAT6
[7:4]
RESERVED
Reserved.
0x0
R
3
LANE_ENA6
This output indicates if Lane 6 is enabled. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R
[2:0]
ECNT_TCR6
Terminal count reached indicator of error counters for
Lane 6. This control is paged by the LINK_PAGE
control in Register 0x300. Set these bits to 1 when
the corresponding counter terminal count value of
0xFF is reached. If ECNT_TCHx is set, the terminal
count value for the corresponding counter is held
until the counter is reset by the user; otherwise, the
counter rolls over and continues counting. Counters
of each lane are addressed as follows:
0x0
R
Bit 2 = unexpected K character error (UEK).
Bit 1 = not in table error (NIT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com