Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 129 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 129 Page - Analog Devices

Back Button AD9173 Datasheet HTML 125Page - Analog Devices AD9173 Datasheet HTML 126Page - Analog Devices AD9173 Datasheet HTML 127Page - Analog Devices AD9173 Datasheet HTML 128Page - Analog Devices AD9173 Datasheet HTML 129Page - Analog Devices AD9173 Datasheet HTML 130Page - Analog Devices AD9173 Datasheet HTML 131Page - Analog Devices AD9173 Datasheet HTML 132Page - Analog Devices AD9173 Datasheet HTML 133Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 129 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
Bit 2 = unexpected K character error (UEK).
Bit 1 = not in table error (NIT).
Bit 0 = bad disparity error (BDE).
This signal must only be programmed while the QBD
is held in soft reset (Register 0x475, Bit 3), and must
not be changed during normal operation.
0x48D
ECNT_TCH5
[7:3]
RESERVED
Reserved.
0x0
R
[2:0]
ECNT_TCH5
Terminal count hold enable of error counters for
Lane 5. This control is paged by the LINK_PAGE
control in Register 0x300. When set, the designated
counter is to hold the terminal count value of 0xFF
when it is reached until the counter is reset by the
user. Otherwise, the designated counter rolls over.
Counters of each lane are addressed as follows:
0x7
R/W
Bit 2 = unexpected K character error (UEK).
Bit 1 = not in table error (NIT).
Bit 0 = bad disparity error (BDE).
This signal must only be programmed while the QBD
is held in soft reset (Register 0x475, Bit 3), and must
not be changed during normal operation.
0x48E
ECNT_TCH6
[7:3]
RESERVED
Reserved.
0x0
R
[2:0]
ECNT_TCH6
Terminal count hold enable of error counters for
Lane 6. This control is paged by the LINK_PAGE
control in Register 0x300. When set, the designated
counter is to hold the terminal count value of 0xFF
when it is reached until the counter is reset by the
user. Otherwise, the designated counter rolls over.
Counters of each lane are addressed as follows:
0x7
R/W
Bit 2 = unexpected K character error (UEK).
Bit 1 = not in table error (NIT).
Bit 0 = bad disparity error (BDE).
This signal must only be programmed while the QBD
is held in soft reset (Register 0x475, Bit 3), and must
not be changed during normal operation.
0x48F
ECNT_TCH7
[7:3]
RESERVED
Reserved.
0x0
R
[2:0]
ECNT_TCH7
Terminal count hold enable of error counters for
Lane 7. This control is paged by the LINK_PAGE
control in Register 0x300. When set, the designated
counter is to hold the terminal count value of 0xFF
when it is reached until the counter is reset by the
user. Otherwise, the designated counter rolls over.
Counters of each lane are addressed as follows:
0x7
R/W
Bit 2 = unexpected K character error (UEK).
Bit 1 = not in table error (NIT).
Bit 0 = bad disparity error (BDE).
This signal must only be programmed while the QBD
is held in soft reset (Register 0x475, Bit 3), and must
not be changed during normal operation.
0x490
ECNT_STAT0
[7:4]
RESERVED
Reserved.
0x0
R
3
LANE_ENA0
This output indicates if Lane 0 is enabled. This control
is paged by the LINK_PAGE control in Register
0x300.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com