Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 125 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 125 Page - Analog Devices

Back Button AD9173 Datasheet HTML 121Page - Analog Devices AD9173 Datasheet HTML 122Page - Analog Devices AD9173 Datasheet HTML 123Page - Analog Devices AD9173 Datasheet HTML 124Page - Analog Devices AD9173 Datasheet HTML 125Page - Analog Devices AD9173 Datasheet HTML 126Page - Analog Devices AD9173 Datasheet HTML 127Page - Analog Devices AD9173 Datasheet HTML 128Page - Analog Devices AD9173 Datasheet HTML 129Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 125 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
3
AR_ECNTR
Automatic reset of error counter. The error counter
that causes assertion of SYNCOUTx± is automatically
reset to 0 when AR_ECNTR = 1. All other counters
are unaffected. This control is paged by the
LINK_PAGE control in Register 0x300. This signal
must only be programmed while the QBD is held in
soft reset (Register 0x475, Bit 3), and must not be
changed during normal operation.
0x0
R/W
[2:0]
RESERVED
Reserved.
0x0
R
0x478
KVAL
[7:0]
KSYNC
Number of 4 × K multiframes during ILAS.
This control is paged by the LINK_PAGE control
in Register 0x300. This signal must only be
programmed while the QBD is held in soft reset
(Register 0x475, Bit 3), and must not be changed
during normal operation.
0x1
R/W
0x47C
ERRORTHRES
[7:0]
ETH
Error counter threshold value. These bits set when
a SYNCOUTx± error or IRQx interrupt is sent due
to BD, NIT, or UEK errors. This control is paged by
the LINK_PAGE control in Register 0x300. This signal
must only be programmed while the QBD is held in
soft reset (Register 0x475, Bit 3), and must not be
changed during normal operation.
0xFF
R/W
0x47D
SYNC_ASSERT_
[7:3]
RESERVED
Reserved.
0x0
R
MASK
[2:0]
SYNC_ASSERT_
MASK
SYNCOUTx± assertion enable mask for BD, NIT,
and UEK error conditions. This control is paged by
the LINK_PAGE control in Register 0x300. Active
high, SYNCOUTx± assertion enable mask for BD,
NIT, and UEK error conditions, respectively. When
an error counter, in any lane, has reached the error
threshold count, ETH[7:0], and the corresponding
SYNC_ASSERT_MASK bit is set, SYNCOUTx± is
asserted. The mask bits are as follows (note that the
bit sequence is reversed with respect to the other
error count controls and the error counters):
0x7
R/W
Bit 2 = bad disparity error (BDE).
Bit 1 = not in table error (NIT).
Bit 0 = unexpected K character error (UEK).
0x480
ECNT_CTRL0
[7:6]
RESERVED
Reserved.
0x0
R
[5:3]
ECNT_ENA0
Error counter enables for Lane 0. This control is
paged by the LINK_PAGE control in Register 0x300.
Counters of each lane are addressed as follows:
0x7
R/W
Bit 5 = unexpected K character error (UEK).
Bit 4 = not in table error (NIT).
Bit 3 = bad disparity error (BDE).
[2:0]
ECNT_RST0
Reset error counters for Lane 0. This control is
paged by the LINK_PAGE control in Register 0x300.
Counters of each lane are addressed as follows:
0x7
R/W
Bit 2 = bad disparity error (BDE).
Bit 1 = not in table error (NIT).
Bit 0 = unexpected K character error (UEK).
0x481
ECNT_CTRL1
[7:6]
RESERVED
Reserved.
0x0
R
[5:3]
ECNT_ENA1
Error counter enables for Lane 1. This control is
paged by the LINK_PAGE control in Register 0x300.
Counters of each lane are addressed as follows:
0x7
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com