Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 124 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 124 Page - Analog Devices

Back Button AD9173 Datasheet HTML 120Page - Analog Devices AD9173 Datasheet HTML 121Page - Analog Devices AD9173 Datasheet HTML 122Page - Analog Devices AD9173 Datasheet HTML 123Page - Analog Devices AD9173 Datasheet HTML 124Page - Analog Devices AD9173 Datasheet HTML 125Page - Analog Devices AD9173 Datasheet HTML 126Page - Analog Devices AD9173 Datasheet HTML 127Page - Analog Devices AD9173 Datasheet HTML 128Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 124 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
is paged by the LINK_PAGE control in Register
0x300. This signal must only be programmed while
the QBD is held in soft reset (Register 0x475, Bit 3),
and must not be changed during normal operation.
0x476
CTRLREG1
[7:5]
RESERVED
Reserved.
0x0
R
4
QUAL_RDERR
Error reporting behavior for concurrent not in table
(NIT) and running disparity (RD) errors. This control is
paged by the LINK_PAGE control in Register 0x300.
Set this bit to 1. This signal must only be programmed
while the QBD is held in soft reset (Register 0x475,
Bit 3), and must not be changed during normal
operation.
0x1
R/W
0
NIT has no effect on RD error.
1
NIT error masks concurrent with RD error.
[3:1]
RESERVED
Reserved.
0x0
R/W
0
FCHK_N
Checksum calculation method. This control is paged
by the LINK_PAGE control in Register 0x300. This
signal must only be programmed while the QBD is
held in soft reset (Register 0x475, Bit 3), and must not
be changed during normal operation.
0x0
R/W
0
Checksum is calculated by summing the individual
fields in the link configuration table as defined in
Section 8.3, Table 20 of the JESD204B standard.
1
Checksum is calculated by summing the registers
containing the packed link configuration fields (sum of
Register 0x450 to Register 0x45A, modulo 256).
0x477
CTRLREG2
7
ILS_MODE
Data link layer test mode is enabled when this bit is
set to 1. CGS pattern is followed by a perpetual ILAS
sequence. This control is paged by the LINK_PAGE
control in Register 0x300. This signal must only be
programmed while the QBD is held in soft reset
(Register 0x475, Bit 3), and must not be changed
during normal operation.
0x0
R/W
0
Normal mode.
1
CGS pattern is followed by a perpetual ILAS
sequence.
6
RESERVED
Reserved.
0x0
R/W
5
REPDATATEST
Repetitive data test enable using the JTSPAT pattern.
To enable the test, Bit 7 of this register must
= 0. This control is paged by the LINK_PAGE
control in Register 0x300. This signal must only be
programmed while the QBD is held in soft reset
(Register 0x475, Bit 3), and must not be changed
during normal operation.
0x0
R/W
4
QUETESTERR
Queue test error mode. This control is paged by the
LINK_PAGE control in Register 0x300. This signal
must only be programmed while the QBD is held in
soft reset (Register 0x475, Bit 3), and must not be
changed during normal operation.
0x0
R/W
0
When this bit = 0, simultaneous errors on multiple
lanes are reported as one error.
1
Selected when this bit = 1 and when REPDATATEST
= 1. Detected errors from all lanes are trapped in a
counter and sequentially signaled on SYNCOUTx±.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com