Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 123 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 123 Page - Analog Devices

Back Button AD9173 Datasheet HTML 119Page - Analog Devices AD9173 Datasheet HTML 120Page - Analog Devices AD9173 Datasheet HTML 121Page - Analog Devices AD9173 Datasheet HTML 122Page - Analog Devices AD9173 Datasheet HTML 123Page - Analog Devices AD9173 Datasheet HTML 124Page - Analog Devices AD9173 Datasheet HTML 125Page - Analog Devices AD9173 Datasheet HTML 126Page - Analog Devices AD9173 Datasheet HTML 127Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 123 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
1
Checksum is correct.
0x473
INIT_LANE_SYNC
7
ILS7
Initial lane synchronization status for Lane 7. This
control is paged by the LINK_PAGE control in
Register 0x300.
0x0
R
0
Synchronization lost.
1
Synchronization achieved.
6
ILS6
Initial lane synchronization status for Lane 6. This
control is paged by the LINK_PAGE control in
Register 0x300.
0x0
R
0
Synchronization lost.
1
Synchronization achieved.
5
ILS5
Initial lane synchronization status for Lane 5. This
control is paged by the LINK_PAGE control in
Register 0x300.
0x0
R
0
Synchronization lost.
1
Synchronization achieved.
4
ILS4
Initial lane synchronization status for Lane 4. This
control is paged by the LINK_PAGE control in
Register 0x300.
0x0
R
0
Synchronization lost.
1
Synchronization achieved.
3
ILS3
Initial lane synchronization status for Lane 3. This
control is paged by the LINK_PAGE control in
Register 0x300.
0x0
R
0
Synchronization lost.
1
Synchronization achieved.
2
ILS2
Initial lane synchronization status for Lane 2. This
control is paged by the LINK_PAGE control in
Register 0x300.
0x0
R
0
Synchronization lost.
1
Synchronization achieved.
1
ILS1
Initial lane synchronization status for Lane 1. This
control is paged by the LINK_PAGE control in
Register 0x300.
0x0
R
0
Synchronization lost.
1
Synchronization achieved.
0
ILS0
Initial lane synchronization status for Lane 0. This
control is paged by the LINK_PAGE control in
Register 0x300.
0x0
R
0
Synchronization lost.
1
Synchronization achieved.
0x475
CTRLREG0
[7:4]
RESERVED
Reserved.
0x0
R/W
3
SOFTRST
QBD soft reset. Active high synchronous reset.
Resets all hardware to power-on state. This control is
paged by the LINK_PAGE control in Register 0x300.
0x0
R/W
2
FORCESYNCREQ
Command from application to assert a
synchronization request. Active high. This control is
paged by the LINK_PAGE control in Register 0x300.
0x0
R/W
1
RESERVED
Reserved.
0x0
R
0
REPL_FRM_ENA
When this level input is set, it enables the
replacement of frames received in error. This control
0x1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com