Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 20Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 21Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 22Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 23Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 24Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 25Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 26Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 27Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 138 page
background image
Datasheet
24 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Address space maps
Table 3
Bottom hybrid configuration one thirty-two 4KB sectors and 256KB uniform sectors address
map[8]
Sector
size
(KB)
S28HL01GT and S28HS01GT
S28HL512T and S28HS512T
S28HL256T and S28HS256T
Sector
count
Sector
range
Byte address range
(Sector starting
address
-
Sector ending address)
Sector
count
Sector
range
Byte address range
(Sector starting
address
-
Sector ending address)
Sector
count
Sector
range
Byte address range
(Sector starting
address
-
Sectorendingaddress)
4
32
SA00
00000000h-00000FFFh
32
SA00
00000000h-00000FFFh
32
SA00
00000000h-00000FFFh
:
:
:
:
:
:
SA31
0001F000h-0001FFFFh
SA31
0001F000h-0001FFFFh
SA31
0001F000h-0001FFFFh
128
1
SA32
00020000h-0003FFFFh
1
SA32
00020000h-0003FFFFh
1
SA32
00020000h-0003FFFFh
256
511
SA33
00040000h-0007FFFFh
255
SA33
00040000h-0007FFFFh
127
SA33
00040000h-0007FFFFh
:
:
:
:
:
:
SA543
07FC0000h-07FFFFFFh
SA287
03FC0000h-03FFFFFFh
SA159
01FC0000h-01FFFFFFh
Note
8. Configuration: CFR3N[3] = 0, CFR1N[6] = 0, CFR1N[2] = 0.
Table 4
Top hybrid configuration one thirty-two 4KB sectors and 256KB uniform sectors address
map[9]
Sector
size
(KB)
S28HL01GT and S28HS01GT
S28HL512T and S28HS512T
S28HL256T and S28HS256T
Sector
count
Sector
range
Byte address range
(Sector starting
address
-
Sector ending address)
Sector
count
Sector
range
Byte address range
(Sector starting
address
-
Sector ending address)
Sector
count
Sector
range
Byte address range
(Sector starting
address
-
Sector ending
address)
256
511
SA00
00000000h-0003FFFFh
255
SA00
00000000h-0003FFFFh
127
SA00
00000000h-0003FFFFh
::
::
:
:
SA510
07F80000h-07FBFFFFh
SA254
03F80000h-03FBFFFFh
SA126
01F80000h-01FBFFFFh
128
1
SA511
07FC0000h-07FDFFFFh
1
SA255
03FC0000h-03FDFFFFh
1
SA127
01FC0000h-01FDFFFFh
432
SA512
07FE0000h-07FE0FFFh
32
SA256
03FE0000h-03FE0FFFh
32
SA128
01FE0000h-01FE0FFFh
::
::
:
:
SA543
07FFF000h-07FFFFFFh
SA287
03FFF000h-03FFFFFFh
SA159
01FFF000h-01FFFFFFh
Note
9. Configuration: CFR3N[3] = 0, CFR1N[6] = 0, CFR1N[2] = 1.
Table 5
Hybrid Configuration 2 Bottom Sixteen and Top Sixteen 4KB Sectors Address Map[10]
Sector
size
(KB)
S28HL01GT and S28HS01GT
S28HL512T and S28HS512T
S28HL256T and S28HS256T
Sector
count
Sector
range
Byte address range
(Sector starting
address
-
Sector ending address)
Sector
count
Sector
range
Byte address range
(Sector starting
address
-
Sector ending address)
Sector
count
Sector
range
Byte address range
(Sector starting
address
-
Sectorendingaddress)
4
16
SA00
00000000h-00000FFFh
16
SA00
00000000h-00000FFFh
16
SA00
00000000h-00000FFFh
:
:
:
:
:
:
SA15
0000F000h-0000FFFFh
SA15
0000F000h-0000FFFFh
SA15
0000F000h-0000FFFFh
192
1
SA16
00010000h-0003FFFFh
1
SA16
00010000h-0003FFFFh
1
SA16
00010000h-0003FFFFh
256
510
SA17
00040000h-0007FFFFh
254
SA17
00040000h-0007FFFFh
126
SA17
00040000h-0007FFFFh
:
:
:
:
:
:
SA526
07F80000h-07FBFFFFh
SA270
03F80000h-03FBFFFFh
SA142
01F80000h-01FBFFFFh
192
1
SA527
07FC0000h-07FEFFFFh
1
SA271
03FC0000h-03FEFFFFh
1
SA143
01FC0000h-01FEFFFFh
416
SA528
07FF0000h-07FF0FFFh
16
SA272
03FF0000h-03FF0FFFh
16
SA144
01FF0000h-01FF0FFFh
::
::
:
:
SA543
07FFF000h-07FFFFFFh
SA287
03FFF000h-03FFFFFFh
SA159
01FFF000h-01FFFFFFh
Note
10. Configuration: CFR3N[3] = 0, CFR1N[6] = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com