Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 16Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 17Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 18Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 19Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 20Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 21Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 22Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 23Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 138 page
background image
Datasheet
20 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Interface overview
Figure 27
Octal SDR read transaction with command and address input (output latency)
Figure 28
Octal DDR read transaction with command and address input (output latency)[4, 5]
Figure 29
Octal DDR single byte read transaction with command and address input (output latency)[6]
Command
CK
CS#
DQ[7:0]
DS
Latency Cycles
CMD
[7:0]
CMD
[7:0]
ADDR
[31:24]
MSb LSb
DOUT A
[7:0]
DOUT A+n
[7:0]
Read Data
ADDR
[7:0]
MSB
LSB
Address
Pre Drive
MSb LSb
Command
CK
CS#
DQ[7:0]
DS
Latency Cycles
CMD
[7:0]
CMD
[7:0]
ADDR
[31:24]
MSb LSb
DOUT A
[7:0]
DOUT A+n
[7:0]
Read Data
ADDR
[7:0]
MSB
LSB
Address
Pre Drive
MSb LSb
2.5 Cycles
Command
CK
CS#
DQ[7:0]
DS
Latency Cycles
CMD
[7:0]
CMD
[7:0]
ADDR
[31:24]
MSb LSb
DOUT A
[7:0]
DOUT A+n
[7:0]
Read Data
ADDR
[7:0]
MSB
LSB
Address
Pre Drive
MSb LSb
2.5 Cycles
Notes
4. The LSb of the address always be zero in any Octal DDR transactions with the address input.
5. Read Interface CRC Transaction is supported with Octal DDR only.
Command
CK
CS#
DQ[7:0]
DS
CMD
[7:0]
CMD
[7:0]
ADDR
[31:24]
MSb LSb
Read Data
ADDR
[23:16]
ADDR
[15:8]
Pre Drive
DOUT A
[7:0]
DOUT A+1
[7:0]
DOUT A+n
[7:0]
MSb LSb
ADDR
[7:0]
Command
CK
CS#
DQ[7:0]
DS
CMD
[7:0]
CMD
[7:0]
ADDR
[31:24]
MSb LSb
Read Data
ADDR
[23:16]
ADDR
[15:8]
Pre Drive
DOUT A
[7:0]
DOUT A+1
[7:0]
DOUT A+n
[7:0]
MSb LSb
ADDR
[7:0]
2.5
Cycles
Command
CK
CS#
DQ[7:0]
DS
CMD
[7:0]
CMD
[7:0]
ADDR
[31:24]
MSb LSb
Read Data
ADDR
[23:16]
ADDR
[15:8]
Pre Drive
DOUT A
[7:0]
DOUT A+1
[7:0]
DOUT A+n
[7:0]
MSb LSb
ADDR
[7:0]
2.5
Cycles
Command
CK
CS#
DQ[7:0]
DS
Latency Cycles
CMD
[7:0]
CMD
[7:0]
ADDR
[31:24]
MSb LSb
Read Data
ADDR
[7:0]
MSB
LSB
Address
Pre Drive
DOUT
[7:0]
Undefined
MSb LSb
Command
CK
CS#
DQ[7:0]
DS
Latency Cycles
CMD
[7:0]
CMD
[7:0]
ADDR
[31:24]
MSb LSb
Read Data
ADDR
[7:0]
MSB
LSB
Address
Pre Drive
DOUT
[7:0]
Undefined
MSb LSb
Command
CK
CS#
DQ[7:0]
DS
Latency Cycles
CMD
[7:0]
CMD
[7:0]
ADDR
[31:24]
MSb LSb
Read Data
ADDR
[7:0]
MSB
LSB
Address
Pre Drive
DOUT
[7:0]
Undefined
MSb LSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com