Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 8Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 9Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 10Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 11Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 12Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 13Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 14Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 15Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 138 page
background image
Datasheet
12 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Interface overview
•Examples:
- 1S-1S-1S means that the command is 1 bit wide SDR, the address is 1 bit wide SDR, and the data is one bit
wide SDR.
- 8D-8D-8D means that the command, address, and data transfers are always 8 bits wide DDR.
Protocols definition
• Protocol modes defined for the SEMPER™ Flash Octal Interface:
1.1S-1S-1S: One DQ signal used during command transfer, address transfer, and data transfer. All phases are
SDR.
2.8S-8S-8S: Eight DQ signals used during command transfer, address transfer, and data transfer. All phases are
SDR.
3.8D-8D-8D: Eight DQ signals used during command transfer, address transfer, and data transfer. All phases are
DDR.
1S-1S-1S protocol
• The 1S-1S-1S mode is the preferred default protocol following Power-On-Reset (POR), but flash devices can be
configured to reset into the Octal mode.
• Each transaction begins with an 8-bit (1-byte) command. The command selects the type of information transfer
or device operation to be performed.
• This protocol uses SI/DQ[0] to transfer information from host to flash device and SO/DQ[1] to transfer infor-
mation from flash device to host. On each DQ, information is placed on the DQ line in Most Significant bit (MSb)
to Least Significant bit (LSb) order within each byte. Sequential address bytes are transferred in highest order
to lowest order sequence. Sequential data bytes are transferred in lowest address to highest address order.
• In 1S-1S-1S, DQ[7:2] are not used for data transfer period. Hence, the DQ[7:2] signals will be high impedance.
1S-1S-8S protocol (HL256T / HS256T Only)
• Each transaction begins with an 8-bit (1-byte) command. The command selects the type of information transfer
or device operation to be performed.
n This protocol uses DQ[7:0] signals. The 8-bit command and address placed on the DQ[0] in MSb to LSb order.
Sequential data bytes in SDR are transferred in lowest address to highest address order on DQ[7:0].
1S-8S-8S protocol (HL256T / HS256T Only)
• Each transaction begins with an 8-bit (1-byte) command. The command selects the type of information transfer
or device operation to be performed.
n This protocol uses DQ[7:0] signals. The 8-bit command is placed on the DQ[0] in MSb to LSb order. The LSb of
address byte is placed on DQ[0] with each higher order bit on the successively higher numbered DQ signals.
Sequential address bytes are transferred in highest order to lowest order sequence. Sequential data bytes in
SDR are transferred in lowest address to highest address order on DQ[7:0].
8S-8S-8S and 8D-8D-8D protocols
• Each transaction begins with a 16-bit (two same bytes) command. The command selects the type of information
transfer or device operation to be performed.
• Supports 4-byte addressing only.
• This protocol uses DQ[7:0] signals. The LSb of each byte is placed on DQ[0] with each higher order bit on the
successively higher numbered DQ signals. Sequential address bytes are transferred in highest order to lowest
order sequence. Sequential data bytes in SDR are transferred in lowest address to highest address order.
Sequential data bytes in DDR are transferred only in byte pairs (words) where the byte order depends on the
order in which the bytes are written or programmed in that protocol mode. Sequential data bytes are transferred
in lowest address to highest address order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com