Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 56 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 56 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 52Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 53Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 54Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 55Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 56Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 57Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 58Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 59Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 60Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 138 page
background image
Datasheet
56 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.8.2.3
Read Octal SDR transaction
The Read Octal SDR transaction provides high data throughput using SDR (8S-8S-8S) protocol. This protocol
supports the DS for capture of data. The option of wrapped read length is available. This transaction uses latency
cycles set by (CFR2V[3:0]) to enable maximum 166 or 200MHz clock frequency (see Transaction table on page
95).
4.8.2.4
Read Octal DDR transaction
The Read Octal DDR transaction provides the fastest data throughput using DDR (8D-8D-8D) protocol. This
protocol only supports the DS for capture of data. The option of wrapped read length is available. This transaction
uses latency cycles set by (CFR2V[3:0]) to enable maximum 166 or 200MHz clock frequency (see Transaction
table on page 95).
4.8.2.5
Read memory array related registers and transactions
4.8.3
Read registers transactions
There are multiple registers for reporting embedded operation status or controlling device configuration
options. Registers contain both volatile and nonvolatile bits. There are two ways to read the Registers. The Read
Any Register transaction provides a way to read all device registers: nonvolatile and volatile by address selection.
There are also dedicated Register Read transactions, which are defined per register and only read the contents
of that register. These Read Register Transactions support all three Protocols (1S-1S-1S), (8S-8S-8S) and
(8D-8D-8D) (see Transaction table on page 95).
4.8.3.1
Read any register
The Read Any Register transaction is the best way to read all device registers, both nonvolatile and volatile. The
transaction includes the address of the register to be read (see Transaction table on page 95). This is followed
by a number of latency cycles set by (CFR2V[3:0]) for reading nonvolatile registers and CFR3V[7:6] for reading
volatile registers. See Table 49 for NV Registers latency cycles and Table 51 for Volatile Registers latency cycles.
Then, the selected register contents are returned. In SPI mode, if the read access is continued, the same
addressed register contents are returned until the transaction is terminated; only one byte register location is
read by each Read Any Register transaction. For registers with more that one byte of data, the Read Any Register
transaction must again be used to read each byte of data. The Octal mode supports the DS for capture of data
(see Transaction table on page 95).
The maximum clock frequency for the Read Any Register transaction is 166MHz under SPI mode, 166MHz under
HL-T Octal mode, and 200MHz under HS-T Octal mode.
The Read Any Register transaction can be used during embedded operations to read Status Register 1 (STR1V).
It is not used for reading registers such as ASP PPB Access Register (PPAV) and ASP Dynamic Block Access Register
(DYAV). There are separate commands required to select and read the location in the array accessed. The Read
Any Register transaction will read invalid data from the PASS Register locations if the ASP Password protection
mode is selected by programming ASPR[2:0]. Reading undefined locations provides undefined data.
Table 30
Read memory array related registers and transactions
Related registers
Related SPI transactions
(see Table 75 on page 95)
Related octal transactions
(see Table 78 on page 99)
Configuration Register 2 (CFR2N, CFR2V)
(see
Table 48 on page 80)
Read (RDAY1_4_0, RDAY1_C_0)
Read Octal SDR (RDAY1_4_0)
Configuration Register 4 (CFR4N, CFR4V)
(see
Table 52 on page 83)
Read Fast (RDAY2_C_0)
Read Octal DDR (RDAY2_4_0)
Configuration Register 5 (CFR5N, CFR5V)
(see
Table 54 on page 85)
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com