Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 73 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 73 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 69Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 70Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 71Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 72Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 73Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 74Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 75Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 76Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 77Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 138 page
background image
Datasheet
73 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.15.1
Power up
The device ignores all transactions until a time delay of tPU has elapsed after the moment that VCC rises above
the minimum VCC threshold (see Figure 63). However, correct operation of the device is not guaranteed if VCC
returns below VCC (min) during tPU. No command should be sent to the device until the end of tPU.
The device draws IPOR current during tPU. After power up (tPU), the WRPGEN bit is reset and there is the option to
be in the DPD mode or Standby mode. The DPDPOR bit in Configuration Register 4 (CFR4N[2]) controls if the
device will be in DPD or Standby mode after the completion of POR (see Table 52). If the DPDPOR bit is enabled
(CFR4N[2] = 1) the device is in DPD mode after power up. A Hardware reset (RESET#) required to return the device
to Standby mode after POR.
Figure 63
Power up
4.15.2
Power down
During power down or voltage drops below VCC(cut-off), the voltage must drop below VCC(LOW) for a period of
tPD for the part to initialize correctly on power up (see Figure 64). If during a voltage drop the VCC stays above
VCC(cut-off) the part will stay initialized and will work correctly when VCC is again above VCC(min). In the event
POR did not complete correctly after power up, the assertion of the RESET# signal will restart the POR process.
Figure 64
Power down and voltage drop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com