Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 23Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 24Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 25Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 26Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 27Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 28Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 29Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 30Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 138 page
background image
Datasheet
27 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Address space maps
Interrupt pin
Interrupt Configuration Register
INCV[7:0]
0x00800068
N/A
Interrupt Status Register
INSV[7:0]
0x00800067
Error correction
ECC Status Register
ESCV[7:0]
0x00800089
ECC Error Detection Count Register [7:0]
ECTV[7:0]
0x0080008A
ECC Error Detection Count Register [15:8]
ECTV[15:8]
0x0080008B
ECC Address Trap Register [7:0]
EATV[7:0]
0x0080008E
ECC Address Trap Register [15:8]
EATV[15:8]
0x0080008F
ECC Address Trap Register [23:16]
EATV[23:16]
0x00800040
ECC Address Trap Register [31:24]
EATV[31:24]
0x00800041
AutoBoot
AutoBoot Register [7:0]
ATBN[7:0]
N/A
0x00000042
AutoBoot Register [15:8]
ATBN[15:8]
0x00000043
AutoBoot Register [23:16]
ATBN[23:16]
0x00000044
AutoBoot Register [31:24]
ATBN[31:24]
0x00000045
Erase Count
Sector Erase Count Register [7:0]
SECV[7:0]
0x00800091
N/A
Sector Erase Count Register [15:8]
SECV[15:8]
0x00800092
Sector Erase Count Register [23:16]
SECV[23:16]
0x00800093
Data Integrity Check
Data Integrity Check CRC Register [7:0]
DCRV[7:0]
0x00800095
Data Integrity Check CRC Register [15:8]
DCRV[15:8]
0x00800096
Data Integrity Check CRC Register [23:16]
DCRV[23:16]
0x00800097
Data Integrity Check CRC Register [31:24]
DCRV[31:24]
0x00800098
Protection and
Security
Advanced Sector Protection Register [7:0]
ASPO[7:0]
N/A
0x00000030
Advanced Sector Protection Register [15:8]
ASPO[15:8]
0x00000031
ASP PPB Lock Register (Persistent Protection
Block)
PPLV[7:0]
0x0080009B
N/A
ASP Password Register [7:0]
PWDO[7:0]
N/A
0x00000020
ASP Password Register [15:8]
PWDO[15:8]
0x00000021
ASP Password Register [23:16]
PWDO[23:16]
0x00000022
ASP Password Register [31:24]
PWDO[31:24]
0x00000023
ASP Password Register [39:32]
PWDO[39:32]
0x00000024
Protection and Security
ASP Password Register [47:40]
PWDO[47:40]
N/A
0x00000025
ASP Password Register [55:48]
PWDO[55:48]
0x00000026
ASP Password Register [63:56]
PWDO[63:56]
0x00000027
Table 8
Register address map (Continued)
Function
Register type
Register name
Volatile component
address (hex)
Nonvolatile compo-
nent address (hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com